Electronic Components Datasheet Search
  English  ▼

X  

SSM2166 Datasheet(PDF) 5 Page - Analog Devices

Part # SSM2166
Description  Microphone Preamplifier with Variable Compression and Noise Gating
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2166 Datasheet(HTML) 5 Page - Analog Devices

  SSM2166 Datasheet HTML 1Page - Analog Devices SSM2166 Datasheet HTML 2Page - Analog Devices SSM2166 Datasheet HTML 3Page - Analog Devices SSM2166 Datasheet HTML 4Page - Analog Devices SSM2166 Datasheet HTML 5Page - Analog Devices SSM2166 Datasheet HTML 6Page - Analog Devices SSM2166 Datasheet HTML 7Page - Analog Devices SSM2166 Datasheet HTML 8Page - Analog Devices SSM2166 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
SSM2166
Rev. E | Page 5 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
GND
1
GAIN ADJUST
2
VCAIN 3
VCAR 4
V+
14
OUTPUT
13
POWER DOWN
12
ROTATION SET
11
BUF OUT
5
COMP RATIO SET
10
–IN
6
NOISE GATE SET
9
AUDIO +IN
7
AVG CAP
8
SSM2166
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
GND
Ground.
2
GAIN ADJUST
VCA Gain Adjust Pin. A resistor from this pin to ground sets the fixed gain of the VCA. To check the setting of
this pin, make sure the compression ratio set pin (Pin 10) is grounded for no compression. The gain can be
varied from 0 dB to 20 dB. For 20 dB, leave the pin open. For 0 dB of fixed gain, a typical resistor value is
approximately 1 kΩ. For 10 dB of fixed gain, the resistor value is approximately 2 kΩ to 3 kΩ. For resistor values
<1 kΩ, the VCA can attenuate or mute (see Figure 6).
3
VCAIN
VCA Input Pin. A typical connection is a 10 µF capacitor from the buffer output pin (Pin 5) to this pin.
4
VCAR
Inverting Input to the VCA. This input can be used as a nonground reference for the audio input signal (see the
Applications Information section).
5
BUF OUT
Input Buffer Amplifier Output Pin. This pin must not be loaded by capacitance to ground.
6
−IN
Inverting Input to the Buffer. A 10 kΩ feedback resistor, R1, from the buffer output (Pin 5) to this input pin and
a resistor, R2, from this pin through a 1 µF capacitor to ground give gains of 6 dB to 20 dB for R2 = 10 kΩ to 1.1 kΩ.
7
AUDIO +IN
Input Audio Signal. The input signal should be ac-coupled (0.1 µF typical) into this pin.
8
AVG CAP
Detector Averaging Capacitor. A capacitor, 1 µF to 22 µF, to ground from this pin is the averaging capacitor
for the detector circuit.
9
NOISE GATE SET
Noise Gate Threshold Set Point. A resistor to V+ sets the level below which input signals are downward
expanded. For a 0.7 mV threshold, the resistor value is approximately 380 kΩ. Increasing the resistor value
reduces the threshold (see Figure 5).
10
COMP RATIO SET
Compression Ratio Set Pin. A resistor to ground from this pin sets the compression ratio, as shown in Figure 2.
Figure 19 gives resistor values for various rotation points.
11
ROTATION SET
Rotation Point Set Pin. This pin is set by adding a resistor to the positive supply. This resistor together with
the gain adjust pin determines the onset of limiting. A typical value for this resistor is 17 kΩ for a 100 mV
rotation point. Increasing the resistor value reduces the level at which limiting occurs (see Figure 9).
12
POWER DOWN
Power-Down Pin. Connect this pin to ground for normal operation. Connect this pin to the positive supply
for power-down mode.
13
OUTPUT
Output Signal.
14
V+
Positive Supply, 5 V Nominal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com