Electronic Components Datasheet Search
  English  ▼

X  

SSM2166 Datasheet(PDF) 11 Page - Analog Devices

Part # SSM2166
Description  Microphone Preamplifier with Variable Compression and Noise Gating
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2166 Datasheet(HTML) 11 Page - Analog Devices

Back Button SSM2166 Datasheet HTML 7Page - Analog Devices SSM2166 Datasheet HTML 8Page - Analog Devices SSM2166 Datasheet HTML 9Page - Analog Devices SSM2166 Datasheet HTML 10Page - Analog Devices SSM2166 Datasheet HTML 11Page - Analog Devices SSM2166 Datasheet HTML 12Page - Analog Devices SSM2166 Datasheet HTML 13Page - Analog Devices SSM2166 Datasheet HTML 14Page - Analog Devices SSM2166 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
SSM2166
Rev. E | Page 11 of 20
Because limiting occurs for signals larger than the rotation point
(VIN > VRP), the rotation point effectively sets the maximum output
signal level. It is recommended that the rotation point be set at
the upper extreme of the range of typical input signals so that
the compression region covers the entire desired input signal
range. Occasional larger signal transients are then attenuated by
the action of the limiter.
VCA
GAIN
VCA
GAIN
VCA
GAIN
INPUT (dB)
VRP1
r:1
1
1
VDE
VRP2 VRP3
Figure 21. Effect of Varying the Rotation Point
VCA Gain Setting and Muting
The maximum gain of the SSM2166 is set by the GAIN ADJUST
pin (Pin 2) via RGAIN. This resistor, with a range of 1 kΩ to
20 kΩ, causes the nominal VCA gain to vary from 0 dB to
approximately 20 dB, respectively. Setting the VCA gain to its
maximum can also be achieved by leaving the GAIN ADJUST
pin in an open condition (no connect). Figure 22 illustrates the
effect on the transfer characteristic by varying this parameter.
For low level signal sources, the VCA should be set to maximum
gain using a 20 kΩ resistor.
VCA GAIN
INPUT (dB)
VRP
r:1
1
1
VDE
Figure 22. Effect of Varying the VCA Gain Setting
The gain of the VCA can be reduced below 0 dB by making
RGAIN smaller than 1 kΩ. Switching Pin 2 through 330 Ω or less
to GND mutes the output. Either a switch connected to ground or a
transistor can be used, as shown in Figure 23. To avoid audible
clicks when using the mute feature, a capacitor (C5) can be
connected from Pin 2 to GND. The value of the capacitor is
arbitrary and should be determined empirically, but a 0.01 µF
capacitor is a good starting value.
RGAIN
C5
330Ω
2
GAIN ADJUST
SSM2166
NOTES
1. ADDITIONAL CIRCUIT DETAILS OMITTED
MUTE
(CLOSED SWITCH)
FOR CLARITY.
Figure 23. Details of Mute Option
Downward Expansion Threshold
The downward expansion threshold, or noise gate, is deter-
mined via a second reference voltage internal to the control
circuitry. This second reference can be varied in the SSM2166
using a resistor, RGATE, connected between the positive supply
and the NOISE GATE SET pin (Pin 9). The effect of varying this
threshold is shown in Figure 24. The downward expansion
threshold can be set between 300 µV rms and 20 mV rms by
varying the resistance value between Pin 9 and the supply
voltage. Like the ROTATION SET pin, the downward expansion
threshold is inversely proportional to the value of this resistance:
setting this resistance to 1 MΩ sets the threshold at approximately
250 µV rms, whereas a 10 kΩ resistance sets the threshold at
approximately 20 mV rms. This relationship is illustrated in
Figure 5. A potentiometer network is provided on the evaluation
board for this adjustment. In general, the downward expansion
threshold should be set at the lower extreme of the desired range of
the input signals so that signals below this level are attenuated.
INPUT (dB)
1
1
VRP
VDE1
r:1
VCA GAIN
VDE3
VDE2
Figure 24. Effect of Varying the Downward Expansion (Noise Gate) Threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com