Electronic Components Datasheet Search
  English  ▼

X  

SSM2166 Datasheet(PDF) 14 Page - Analog Devices

Part # SSM2166
Description  Microphone Preamplifier with Variable Compression and Noise Gating
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2166 Datasheet(HTML) 14 Page - Analog Devices

Back Button SSM2166 Datasheet HTML 10Page - Analog Devices SSM2166 Datasheet HTML 11Page - Analog Devices SSM2166 Datasheet HTML 12Page - Analog Devices SSM2166 Datasheet HTML 13Page - Analog Devices SSM2166 Datasheet HTML 14Page - Analog Devices SSM2166 Datasheet HTML 15Page - Analog Devices SSM2166 Datasheet HTML 16Page - Analog Devices SSM2166 Datasheet HTML 17Page - Analog Devices SSM2166 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
SSM2166
Data Sheet
Rev. E | Page 14 of 20
IC2
IC1
Figure 27. Evaluation Board Topside Silkscreen (Not to Scale)
Figure 28. Evaluation Board Topside Metallization (Not to Scale)
Figure 29. Evaluation Board Backside Metallization (Not to Scale)
EVALUATION BOARD EXAMPLES
To illustrate how easy it is to program the SSM2166, a practical
example is provided. The SSM2166 was used to interface an
electret-type microphone to a postamplifier. The evaluation
board or the circuit configuration shown in Figure 26 can be
used. The signal from the microphone was measured under
actual conditions to vary from 1 mV to 15 mV. The postamplifier
requires no more than 500 mV at its input. The required gain
from the SSM2166 is, therefore
GTOTAL = 20 × log(500/15) = 30 dB
The input buffer gain is set to 20 dB, and the VCA gain is adjusted
to 10 dB. The limiting or rotation point is set at 500 mV output.
A 2:1 compression ratio and a noise gate threshold that operates
below 100 µV is also used. These objectives are summarized in
Table 5. The transfer characteristic implemented is illustrated in
Figure 30.
Table 5. Objective Specifications
Parameter
Value
Input Range
1 mV to 15 mV
Output Range
To 500 mV
Limiting Level
500 mV
Compression
2:1
Buffer Gain
20 dB
VCA Gain
10 dB
Noise Gate
100 µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com