Electronic Components Datasheet Search
  English  ▼

X  

SSM2166 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2166
Description  Microphone Preamplifier with Variable Compression and Noise Gating
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2166 Datasheet(HTML) 1 Page - Analog Devices

  SSM2166 Datasheet HTML 1Page - Analog Devices SSM2166 Datasheet HTML 2Page - Analog Devices SSM2166 Datasheet HTML 3Page - Analog Devices SSM2166 Datasheet HTML 4Page - Analog Devices SSM2166 Datasheet HTML 5Page - Analog Devices SSM2166 Datasheet HTML 6Page - Analog Devices SSM2166 Datasheet HTML 7Page - Analog Devices SSM2166 Datasheet HTML 8Page - Analog Devices SSM2166 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Microphone Preamplifier with
Variable Compression and Noise Gating
Data Sheet
SSM2166
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©1996–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Complete microphone conditioner in a 14-lead SOIC package
Single 5 V operation
Adjustable noise gate threshold
Compression ratio set by external resistor
Automatic limiting feature—prevents ADC overload
Adjustable release time
Low noise and distortion
Power-down feature
20 kHz bandwidth (±1 dB)
APPLICATIONS
Microphone preamplifiers/processors
Computer sound cards
Public address/paging systems
Communication headsets
Telephone conferencing
Guitar sustain effects generators
Computerized voice recognition
Surveillance systems
Karaoke and DJ mixers
GENERAL DESCRIPTION
The SSM2166 integrates a complete and flexible solution for
conditioning microphone inputs in computer audio systems. It
is also excellent for improving vocal clarity in communications
and public address systems. A low noise, voltage-controlled
amplifier (VCA) provides a gain that is dynamically adjusted by
a control loop to maintain a set compression characteristic. The
compression ratio is set by a single resistor and can be varied
from 1:1 to over 15:1 relative to a user-defined rotation point;
signals above the rotation point are limited to prevent overload
and to eliminate popping. In the 1:1 compression setting, the
SSM2166 can be programmed with a fixed gain of up to 20 dB;
this gain is in addition to the variable gain in other compression
settings. The input buffer can also be configured for front-end
gains of 0 dB to 20 dB. A downward expander (noise gate) prevents
amplification of noise or hum. This results in optimized signal
levels prior to digitization, thereby eliminating the need for
additional gain or attenuation in the digital domain that may
add noise or impair accuracy of speech recognition algorithms.
The compression ratio and time constants are set externally. A
high degree of flexibility is provided by the VCA gain, rotation
point, and noise gate adjustment pins.
The SSM2166 is an ideal companion product for audio codecs
used in computer systems. The SSM2166 is available in a 14-
lead SOIC package and is guaranteed for operation over the
extended industrial temperature range of −40°C to +85°C.
10
0
–10
–20
–30
–40
–50
–60
–70
–60
–50
–40
–30
–20
–10
0
INPUT (dBu)
COMP RATIO = 10:1
COMP RATIO = 2:1
COMP RATIO = 1:1
Figure 1. Compression and Gating Characteristics with 10 dB of Fixed Gain (The
Gain Adjust Pin Can Be Used to Vary This Fixed Gain Amount)
FUNCTIONAL BLOCK DIAGRAM AND TYPICAL SPEECH APPLICATION
BUFFER
1kΩ
1kΩ
BUF OUT
VCAIN
VCAR
V+
4
3
5
14
LEVEL
DETECTOR
VCA
CONTROL
8
1
12
6
7
2
13
9
11
10
SSM2166
POWER DOWN
GND
AVG CAP
COMP RATIO SET
GAIN
ADJUST
OUTPUT
NOISE GATE
SET
ROTATION
SET
–IN
AUDIO
+IN
0.1µF
R2
10kΩ
1µF
+
R1
10kΩ
10µF
10µF (OPTIONAL)
++
+
25kΩ
22µF
500kΩ
2.3kΩ
17kΩ
V+
Figure 2.


Similar Part No. - SSM2166

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2166 AD-SSM2166 Datasheet
214Kb / 15P
Microphone Preamplifier with Variable Compression and Noise Gating
REV.A
SSM2166 AD-SSM2166 Datasheet
459Kb / 16P
Microphone Preamplifier with Variable Compression and Noise Gating
REV. B
SSM2166 AD-SSM2166 Datasheet
437Kb / 13P
Microphone Preamplifier
10/2016-Rev. E to Rev. F
SSM2166P AD-SSM2166P Datasheet
214Kb / 15P
Microphone Preamplifier with Variable Compression and Noise Gating
REV.A
SSM2166S AD-SSM2166S Datasheet
214Kb / 15P
Microphone Preamplifier with Variable Compression and Noise Gating
REV.A
More results

Similar Description - SSM2166

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2165 AD-SSM2165 Datasheet
163Kb / 10P
Microphone Preamplifier with Variable Compression and Noise Gating
REV.A
SSM2166 AD-SSM2166 Datasheet
214Kb / 15P
Microphone Preamplifier with Variable Compression and Noise Gating
REV.A
SSM2167 AD-SSM2167 Datasheet
121Kb / 8P
Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
SSM-2015 AD-SSM-2015 Datasheet
264Kb / 5P
LOW NOISE MICROPHONE PREAMPLIFIER
SSM2167 AD-SSM2167_07 Datasheet
275Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noige Gating
11/07-Rev. B to Rev. C
SSM2166 AD-SSM2166_03 Datasheet
459Kb / 16P
Microphone Preamplifier with Variable Compression and Noise Gating
REV. B
SSM2166 AD-SSM2166_08 Datasheet
549Kb / 20P
Microphone Preamplifier with Variable Compression and Noise Gating
REV. D
SSM2167-1RMZ-R7 AD-SSM2167-1RMZ-R7 Datasheet
216Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
SSM2167-1RMZ-R7 AD-SSM2167-1RMZ-R7 Datasheet
216Kb / 12P
Low Voltage Microphone Preamplifier with Variable Compression and Noise Gating
Rev. G
SSM2165 AD-SSM2165_15 Datasheet
338Kb / 12P
Microphone Preamplifier with Variable Compression and Noise Gating
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com