Electronic Components Datasheet Search
  English  ▼

X  

SSM2166 Datasheet(PDF) 7 Page - Analog Devices

Part # SSM2166
Description  Microphone Preamplifier with Variable Compression and Noise Gating
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2166 Datasheet(HTML) 7 Page - Analog Devices

Back Button SSM2166 Datasheet HTML 3Page - Analog Devices SSM2166 Datasheet HTML 4Page - Analog Devices SSM2166 Datasheet HTML 5Page - Analog Devices SSM2166 Datasheet HTML 6Page - Analog Devices SSM2166 Datasheet HTML 7Page - Analog Devices SSM2166 Datasheet HTML 8Page - Analog Devices SSM2166 Datasheet HTML 9Page - Analog Devices SSM2166 Datasheet HTML 10Page - Analog Devices SSM2166 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
SSM2166
Rev. E | Page 7 of 20
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
TA = 25°C
COMPRESSION RATIO = 15:1
NOISE BW = 20kHz
5µV
1s
100
90
10
0%
Figure 10. Wideband Peak-to-Peak Output Noise
80
60
40
20
0
–20
–40
1k
10k
100k
1M
FREQUENCY (Hz)
G = 60dB
G = 40dB
G = 20dB
ROTA
TION SET ≈ 1V rms
RCOMP = 30kΩ
NOISE GA
TE SETTING ≈ 550µV rms
VIN = 1mV rms
Figure 11. VCA Gain Bandwidth Curves vs. Frequency
–10
–20
–30
–40
–50
–60
–70
–80
20
100
1k
10k
30k
FREQUENCY (Hz)
V+ = 5V ± 1V p-p
V+ = 5V ± 0.5V p-p
RCOMP = 0Ω
RGAIN = 1.24kΩ
RGATE = 500kΩ
RROT PT = 1.74kΩ
Figure 12. PSRR vs. Frequency
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
100
90
10
TA = 25°C
CAVG = 2.2µF
SYSTEM GAIN = 0dB
RL = 10kΩ
COMPRESSION RATIO = 1:1
20mV
10µs
0%
Figure 13. Small Signal Transient Response
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
100
90
10
TA = 25°C
CAVG = 2.2µF
SYSTEM GAIN = 0dB
RL = 10kΩ
COMPRESSION RATIO = 1:1
200mV
10µs
0%
Figure 14. Large Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com