Electronic Components Datasheet Search
  English  ▼

X  

SSM2166 Datasheet(PDF) 6 Page - Analog Devices

Part # SSM2166
Description  Microphone Preamplifier with Variable Compression and Noise Gating
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2166 Datasheet(HTML) 6 Page - Analog Devices

Back Button SSM2166 Datasheet HTML 2Page - Analog Devices SSM2166 Datasheet HTML 3Page - Analog Devices SSM2166 Datasheet HTML 4Page - Analog Devices SSM2166 Datasheet HTML 5Page - Analog Devices SSM2166 Datasheet HTML 6Page - Analog Devices SSM2166 Datasheet HTML 7Page - Analog Devices SSM2166 Datasheet HTML 8Page - Analog Devices SSM2166 Datasheet HTML 9Page - Analog Devices SSM2166 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SSM2166
Data Sheet
Rev. E | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
0
–10
–20
–30
–40
–50
–60
–70
–80
–70
–80
–60
–50
–40
–30
–20
–10
0
INPUT (dBu)
COMP RATIO = 1:1
COMP RATIO = 15:1
COMP RATIO = 10:1
COMP RATIO = 5:1
COMP RATIO = 2:1
TA = 25°C
V+ = 5V
VIN = 300mV rms @ 1kHz
RL = 100kΩ
NOISE GA
TE SETTING ≈ 550µV rms
ROTA
TION SET ≈ 300mV rms
GAIN
ADJUST = 1.25kΩ
Figure 4. Output vs. Input Characteristics
100
10
1
0.1
0
50
100 150 200 250 300 350 400 450 500 550 600 650
RGATE (kΩ)
TA = 25°C
V+ = 5V
RL = 100kΩ
COMPRESSION RATIO = 2:1
ROTA
TION SET ≈ 700mV rms
GAIN
ADJUST = 1.56kΩ
Figure 5. Noise Gate vs. RGATE (Pin 9 to V+)
20
18
16
14
12
10
8
6
4
2
0
0
2
4
6
8
10 12
14
16 18 20 22 24 26 28 30
GAIN ADJUST RESISTOR (kΩ)
TA = 25°C
V+ = 5V
VIN = 77.5mV rms @ 1kHz
RL = 100kΩ
NOISE GATE SETTING ≈ 550µV rms
ROTATION SET ≈ 1V rms
COMPRESSION RATIO = 1:1
Figure 6. VCA Gain vs. RGAIN (Pin 2 to GND)
5
1
0.1
0.05
0.01
0.1
1
INPUT VOLTAGE (V rms)
RL = 100kΩ
RL = 10kΩ
TA = 25°C
V+ = 5V
COMPRESSION RATIO = 1:1
NOISE GA
TE SETTING ≈ 550µV rms
ROTA
TION SET ≈ 1V rms
GAIN
ADJUST = 1.25kΩ
VIN FREQUENCY = 1kHz
Figure 7. THD + N (%) vs. Input (V rms)
10
1
0.1
0.01
10
100
1k
10k
30k
FREQUENCY (Hz)
TA = 25°C
V+ = 5V
VIN = 77.5mV rms @ 1kHz
COMPRESSION RATIO = 1:1
NOISE GA
TE SETTING ≈ 550µV rms
ROTA
TION SET ≈ 1V rms
GAIN
ADJUST = 156kΩ
MEASUREMENT FILTER BW: 20Hz TO 20kHz
Figure 8. THD + N (%) vs. Frequency (Hz)
1
0.1
0.01
0
5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90
RROT PT RESISTOR (kΩ)
Figure 9. Rotation Point vs. RROT PT (Pin 11 to V+)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com