Electronic Components Datasheet Search
  English  ▼

X  

UPC8101 Datasheet(PDF) 3 Page - NEC

Part # UPC8101
Description  1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8101 Datasheet(HTML) 3 Page - NEC

  UPC8101 Datasheet HTML 1Page - NEC UPC8101 Datasheet HTML 2Page - NEC UPC8101 Datasheet HTML 3Page - NEC UPC8101 Datasheet HTML 4Page - NEC UPC8101 Datasheet HTML 5Page - NEC UPC8101 Datasheet HTML 6Page - NEC UPC8101 Datasheet HTML 7Page - NEC UPC8101 Datasheet HTML 8Page - NEC UPC8101 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet P11074EJ3V0DS00
3
µµµµPC8110GR
APPLICATION EXAMPLE
PDC 900 MHz (Direct Modulation Type)
ANT
RX
TX
SW
PA
BPF
RSSI
DEMO
I
Q
RSSI OUT
PLL
0˚
90˚
F/F
I
Q
900 MHz Direct Quadrature Modulator
PC8110GR
µ
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
UNIT
TEST CONDITIONS
Supply Voltage
VCC
4.0
V
TA = +25 °C
Power Save Voltage
VPS
4.0
V
TA = +25 °C
Power Dissipation
PD
430
mW
TA = +85 °C
Note 1
Operating Temperature
Topt
−40 to +85
°C
Storage Temperature
Tstg
−55 to +150
°C
Note 1.
Mounted on 50
× 50 × 1.6 mm double copper clad epoxy glass board
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Supply Voltage
VCC
2.7
3.0
3.6
V
Operating Temperature
Topt
−40
+25
+85
°C
LO Input Frequency
fLOin
800
900
1000
MHz
LO Input Power Level
PLOin
−15
−10
−7dBm
I/Q Input Frequency
fI/Qin
DC
10
MHz
I/Q Input Voltage
VI/Qin
500
mVp-p
Single ended input
250
Differential input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com