Electronic Components Datasheet Search
  English  ▼

X  

UPC8101 Datasheet(PDF) 8 Page - NEC

Part # UPC8101
Description  1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8101 Datasheet(HTML) 8 Page - NEC

Back Button UPC8101 Datasheet HTML 4Page - NEC UPC8101 Datasheet HTML 5Page - NEC UPC8101 Datasheet HTML 6Page - NEC UPC8101 Datasheet HTML 7Page - NEC UPC8101 Datasheet HTML 8Page - NEC UPC8101 Datasheet HTML 9Page - NEC UPC8101 Datasheet HTML 10Page - NEC UPC8101 Datasheet HTML 11Page - NEC UPC8101 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Data Sheet P11074EJ3V0DS00
8
µµµµPC8110GR
TYPICAL CHARACTERISTICS
Unless otherwise specified TA = +25 °C, VCC = VPS = 3 V, I/Q DC/offset = I/Q DC offset = 1.5 V, I/Q Input signal =
500 mVp-p (Single ended), fI/Q = 2.625 kHz, fLOin = 948 MHz, PLOin =
−10 dBm, <PDC> Transmission speed: 42 kbps,
RNYQ: a = 0.5.
CIRCUIT CURRENT vs SUPPLY VOLTAGE
VCC - Supply Voltage - V
30
25
20
15
10
5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TA = +25 ˚C
TA = –40 ˚C
TA = +85 ˚C
VCC = VPS
I/Q (DC) = VCC/2
RF None
CIRCUIT CURRENT vs POWER SAVE VOLTAGE
VPS - Power Save Voltage - V
30
25
20
15
10
5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TA = +25 ˚C
TA = –40 ˚C
TA = +85 ˚C
VCC = 3 V
I/Q (DC) = 1.5 V
RF None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com