Electronic Components Datasheet Search
  English  ▼

X  

UPC8101 Datasheet(PDF) 16 Page - NEC

Part # UPC8101
Description  1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8101 Datasheet(HTML) 16 Page - NEC

Back Button UPC8101 Datasheet HTML 12Page - NEC UPC8101 Datasheet HTML 13Page - NEC UPC8101 Datasheet HTML 14Page - NEC UPC8101 Datasheet HTML 15Page - NEC UPC8101 Datasheet HTML 16Page - NEC UPC8101 Datasheet HTML 17Page - NEC UPC8101 Datasheet HTML 18Page - NEC UPC8101 Datasheet HTML 19Page - NEC UPC8101 Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Data Sheet P11074EJ3V0DS00
16
µµµµPC8110GR
REF 0.0 dBm
10 dB/
∆ MKR
2.714 s
RBW
3 MHz
VBW
3 MHz
SWP
50 s
CENTER 948.002642 MHz
SPAN 0 Hz
ATT 10 dB
A_view B_blank
POWER SAVE RESPONSE
(at VCC = VPS = 2.7 V)
REF 0.0 dBm
10 dB/
∆ MKR
2.714 s
RBW
3 MHz
VBW
3 MHz
SWP
50 s
CENTER 948.002642 MHz
SPAN 0 Hz
ATT 10 dB
A_view B_blank
POWER SAVE RESPONSE
(at VCC = VPS = 3.0 V)
REF 0.0 dBm
10 dB/
∆ MKR
2.714 s
RBW
3 MHz
VBW
3 MHz
SWP
50 s
CENTER 948.002642 MHz
SPAN 0 Hz
ATT 10 dB
A_view B_blank
POWER SAVE RESPONSE
(at VCC = VPS = 3.6 V)
∆ MARKER
2.714 s
44.41 dB
µ
∆ MARKER
2.714 s
45.97 dB
∆ MARKER
2.714 s
48.97 dB
µ
µµ
µ
µ
µ
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com