Electronic Components Datasheet Search
  English  ▼

X  

UPC8101 Datasheet(PDF) 5 Page - NEC

Part # UPC8101
Description  1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8101 Datasheet(HTML) 5 Page - NEC

  UPC8101 Datasheet HTML 1Page - NEC UPC8101 Datasheet HTML 2Page - NEC UPC8101 Datasheet HTML 3Page - NEC UPC8101 Datasheet HTML 4Page - NEC UPC8101 Datasheet HTML 5Page - NEC UPC8101 Datasheet HTML 6Page - NEC UPC8101 Datasheet HTML 7Page - NEC UPC8101 Datasheet HTML 8Page - NEC UPC8101 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet P11074EJ3V0DS00
5
µµµµPC8110GR
PIN EXPLANATION
Pin
No.
ASSIGNMENT
SUPPLY
VOL. (V)
PIN
VOL. (V)
FUNCTION AND APPLICATION
EQUIVALENT CIRCUIT
1LOin
2.6
LO input for phase shifter.
Connect around 50
Ω between 1
and 3 pin to match to 50
Ω.
2
18
GND
(for Local
Amp. Block)
0
Connect to the ground with
minimum inductance.
Track length should be kept as
short as possible.
3LOin
2.6
Bypass of LO input.
This pin is grounded through
around 33 pF capacitor.
5Q
VCC/2
Input for Q signal.
This input impedance is 150 k
Ω.
In case of that I/Q input signals
are single ended, amplitude of
the signal is 500 mVp-p max.
Note 2
6Q
VCC/2
Input for Q signal.
This input impedance is 150 k
Ω.
In case of that I/Q input signals
are single ended, VCC/2 biased
DC signal should be input.
In case of that I/Q input signals
are differential, amplitude of the
signal is 250 mVp-p max. Note 2
7I
VCC/2
Input for I signal.
This input impedance is 150 k
Ω.
In case of that I/Q input signals
are single ended, VCC/2 biased
DC signal should be input.
In case of that I/Q input signals
are differential, amplitude of the
signal is 250 mVp-p max. Note 2
8I
VCC/2
Input for I signal.
This input impedance is 150 k
Ω.
In case of that I/Q input signals
are single ended, amplitude of
the signal is 500 mVp-p max.
Note 2
9
13
16
GND
(for Quadrature
Modulator Block)
0
Connect to the ground with
minimum inductance.
Track length should be kept as
short as possible.
1
3
5
6
8
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com