Electronic Components Datasheet Search
  English  ▼

X  

UPC8101 Datasheet(PDF) 9 Page - NEC

Part # UPC8101
Description  1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8101 Datasheet(HTML) 9 Page - NEC

Back Button UPC8101 Datasheet HTML 5Page - NEC UPC8101 Datasheet HTML 6Page - NEC UPC8101 Datasheet HTML 7Page - NEC UPC8101 Datasheet HTML 8Page - NEC UPC8101 Datasheet HTML 9Page - NEC UPC8101 Datasheet HTML 10Page - NEC UPC8101 Datasheet HTML 11Page - NEC UPC8101 Datasheet HTML 12Page - NEC UPC8101 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet P11074EJ3V0DS00
9
µµµµPC8110GR
RF OUTPUT POWER vs I/Q INPUT SIGNAL
(at TA = –40 ˚C)
0
–5
–10
–15
–20
–25
100
200
300
400 500
PI/Qin - I/Q Input Signal - mVp-p
VCC = 3.0 V
VCC = 2.7 V
VCC = 3.6 V
Single ended
RF OUTPUT POWER vs I/Q INPUT SIGNAL
(at TA = +25 ˚C)
0
–5
–10
–15
–20
–25
100
200
300
400 500
PI/Qin - I/Q Input Signal - mVp-p
VCC = 3.0 V
VCC = 2.7 V
VCC = 3.6 V
Single ended
RF OUTPUT POWER vs I/Q INPUT SIGNAL
(at TA = +85 ˚C)
0
–5
–10
–15
–20
–25
100
200
300
400 500
PI/Qin - I/Q Input Signal - mVp-p
VCC = 3.0 V
VCC = 2.7 V
VCC = 3.6 V
Single ended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com