Electronic Components Datasheet Search
  English  ▼

X  

UPC8101 Datasheet(PDF) 4 Page - NEC

Part # UPC8101
Description  1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8101 Datasheet(HTML) 4 Page - NEC

  UPC8101 Datasheet HTML 1Page - NEC UPC8101 Datasheet HTML 2Page - NEC UPC8101 Datasheet HTML 3Page - NEC UPC8101 Datasheet HTML 4Page - NEC UPC8101 Datasheet HTML 5Page - NEC UPC8101 Datasheet HTML 6Page - NEC UPC8101 Datasheet HTML 7Page - NEC UPC8101 Datasheet HTML 8Page - NEC UPC8101 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Data Sheet P11074EJ3V0DS00
4
µµµµPC8110GR
ELECTRICAL CHARACTERISTICS (TA = 25 °C, VCC = 3.0 V, Unless Otherwise Specified VPS
≥≥≥≥ 2.2 V (High))
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Circuit Current
ICC
20
24
33
mA
No input signal
Circuit Current at Power Save Mode
ICC(PS)
10
uA
VPS
≤ 0.5 V (Low)
Maximum Output Power
Po(sat)
−13
−10
dBM
LO Carrier Leak
LoL
−35
−30
dBc
Image Rejection (Side Band Leak)
ImR
−40
−30
dBc
I/Q 3rd Order Intermodulation
Distortion
IM3I/Q
−45
−30
dBc
Power Save Rise Time
TPS(RISE)
35
µsVPS: Low → High
Power Save Fall Time
TPS(FALL)
25
µsVPS: High → Low
STANDARD CHARACTERISTICS FOR REFERENCE
(TA = +25 °C, VCC = 3.0 V, Unless Otherwise Specified VPS
≥≥≥≥ 2.2 V (Hgih))
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
I/Q Input Impeadance
ZI/Qin
150
k
Ω
fI/Q = DC to 10 MHz
LO Input VSWR
VSWR (Lo)
1.5 : 1
−
fLO = 948 MHz
RF Output VSWR
VSWR
(RF)
1.5 : 1
−
fLO = 948 MHz
fLOin = 948 MHz
PLOin =
−10 dBm
fI/Q = 2.625 kHz
I/Q (DC) = VCC/2
VI/Qin = 500 mVp-p
(Single ended)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com