Electronic Components Datasheet Search
  English  ▼

X  

UPC8101 Datasheet(PDF) 11 Page - NEC

Part # UPC8101
Description  1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8101 Datasheet(HTML) 11 Page - NEC

Back Button UPC8101 Datasheet HTML 7Page - NEC UPC8101 Datasheet HTML 8Page - NEC UPC8101 Datasheet HTML 9Page - NEC UPC8101 Datasheet HTML 10Page - NEC UPC8101 Datasheet HTML 11Page - NEC UPC8101 Datasheet HTML 12Page - NEC UPC8101 Datasheet HTML 13Page - NEC UPC8101 Datasheet HTML 14Page - NEC UPC8101 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet P11074EJ3V0DS00
11
µµµµPC8110GR
–30
–35
–40
–45
–50
–55
700 800 900 1000 1100
–5
–10
–15
–20
–25
–30
Lo INPUT FREQUENCY vs
PRFout, LoL, ImR, IM3I/Q
(at VCC = 2.7 V, TA = +85 ˚C)
fLO - Local Input Frequency - MHz
–30
–35
–40
–45
–50
–55
700 800 900 1000 1100
–5
–10
–15
–20
–25
–30
Lo INPUT FREQUENCY vs
PRFout, LoL, ImR, IM3I/Q
(at VCC = 3.0 V, TA = +85 ˚C)
fLO - Local Input Frequency - MHz
–30
–35
–40
–45
–50
–55
700 800 900 1000 1100
–5
–10
–15
–20
–25
–30
Lo INPUT FREQUENCY vs
PRFout, LoL, ImR, IM3I/Q
(at VCC = 3.6 V, TA = +85 ˚C)
fLO - Local Input Frequency - MHz
–30
–35
–40
–45
–50
–55
–5
–10
–5
–10
–15
–20
–25
–30
Lo INPUT POWER vs
PRFout, LoL, ImR, IM3I/Q
(at VCC = 2.7 V, TA = –40 ˚C)
LO - Local Input Power - dBm
ImR
ImR
ImR
ImR
LoL
LoL
LoL
LoL
–30
–35
–40
–45
–50
–55
–5
–10
–15
–20
–25
–30
Lo INPUT POWER vs
PRFout, LoL, ImR, IM3I/Q
(at VCC = 3.0 V, TA = –40 ˚C)
LO - Local Input Power - dBm
ImR
LoL
–30
–35
–40
–45
–50
–55
–5
–10
–15
–20
–25
–30
Lo INPUT POWER vs
PRFout, LoL, ImR, IM3I/Q
(at VCC = 3.6 V, TA = –40 ˚C)
LO - Local Input Power - dBm
ImR
LoL
–15
–5
–10
–15
–5
–10
–15
PRFout
IM3I/Q
PRFout
IM3I/Q
PRFout
IM3I/Q
PRFout
IM3I/Q
PRFout
PRFout
IM3I/Q
IM3I/Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com