Electronic Components Datasheet Search
  English  ▼

X  

UPC8101 Datasheet(PDF) 18 Page - NEC

Part # UPC8101
Description  1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8101 Datasheet(HTML) 18 Page - NEC

Back Button UPC8101 Datasheet HTML 14Page - NEC UPC8101 Datasheet HTML 15Page - NEC UPC8101 Datasheet HTML 16Page - NEC UPC8101 Datasheet HTML 17Page - NEC UPC8101 Datasheet HTML 18Page - NEC UPC8101 Datasheet HTML 19Page - NEC UPC8101 Datasheet HTML 20Page - NEC UPC8101 Datasheet HTML 21Page - NEC UPC8101 Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Data Sheet P11074EJ3V0DS00
18
µµµµPC8110GR
RF OUTPUT (RFout) IMPEDANCE
MARKER 1
948 MHz
1 : 45.74
Ω –2.8633 Ω
56.634 pF
948.000 000 MHz
START 700.000 000 MHz
STOP 1 100.000 000 MHz
MARKER 1
948 MHz
1 : 45.005
Ω –2.6352 Ω
59.199 pF
948.000 000 MHz
START 700.000 000 MHz
STOP 1 100.000 000 MHz
VCC = VPS = 2.7 V
VCC = VPS = 3.0 V
MARKER 1
948 MHz
1 : 45.925
Ω –2.6719 Ω
62.834 pF
948.000 000 MHz
START 700.000 000 MHz
STOP 1 100.000 000 MHz
VCC = VPS = 3.6 V
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com