Electronic Components Datasheet Search
  English  ▼

X  

XCL101 Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XCL101
Description  Inductor Built-in Step-up ?쐌icro DC/DC??Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL101 Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XCL101 Datasheet HTML 3Page - Torex Semiconductor XCL101 Datasheet HTML 4Page - Torex Semiconductor XCL101 Datasheet HTML 5Page - Torex Semiconductor XCL101 Datasheet HTML 6Page - Torex Semiconductor XCL101 Datasheet HTML 7Page - Torex Semiconductor XCL101 Datasheet HTML 8Page - Torex Semiconductor XCL101 Datasheet HTML 9Page - Torex Semiconductor XCL101 Datasheet HTML 10Page - Torex Semiconductor XCL101 Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7/19
XCL101
Series
<Test Circuit No.①>
<Test Circuit No.②>
<Test Circuit No.③>
<Test Circuit No.④>
<Test Circuit No.⑤>
L1
L2
Lx
VOUT
VBAT
CE
GND
NC
A
L1
L2
Lx
VOUT
VBAT
CE
GND
NC
A
A
L1
L2
Lx
VOUT
VBAT
CE
GND
NC
A
<Test Circuit No.⑥>
<Test Circuit No.⑦>
<Test Circuit No.⑧>
L1
L2
Lx
VOUT
VBAT
CE
GND
NC
A
L1
L2
Lx
VOUT
VBAT
CE
GND
NC
Vpull
V
A
CIN
CL
Rpull
Waveform check point
L1
L2
Lx
VOUT
VBAT
CE
GND
NC
Waveform check point
V
A
A
CIN
CL
RL
L
V
L1
L2
Lx
VOUT
VBAT
CE
GND
NC
CIN
V
L1
L2
Lx
VOUT
VBAT
CE
GND
NC
Vpull
CIN
CL
Rpull
Waveform check point
V1
TEST CIRCUITS
*External conpornents
CIN:4.7μF(Ceramic)
CL:10μF(Ceramic)
Rpull:100 ohm
*External conpornents
CIN:4.7μF(Ceramic)
CL:10μF(Ceramic)
L:4.7μH(Selected goods)
*External conpornents
CIN:4.7μF(Ceramic)
CL:10μF(Ceramic)
Rpull:4.7 ohm
*External conpornents
CIN:4.7μF(Ceramic)
<LX SW “Nch” ON Resistance Measurement Method>
Use Test Circuit No.8 to adjust Vpull so that the LX pin voltage becomes 100mV when the Nch drive Tr is ON and then the
voltage at both ends of Rpull is measured to find the Lx SW "Nch" ON resistance.
RLXN=0.1 / {(V1 - 0.1) / 4.7)}
Note that V1 is the Rpull previous voltage when the Nch driver Tr is ON. Use an oscilloscope or other instrument to measure the
LX pin voltage and V1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com