Electronic Components Datasheet Search
  English  ▼

X  

XCL101 Datasheet(PDF) 12 Page - Torex Semiconductor

Part # XCL101
Description  Inductor Built-in Step-up ?쐌icro DC/DC??Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL101 Datasheet(HTML) 12 Page - Torex Semiconductor

Back Button XCL101 Datasheet HTML 8Page - Torex Semiconductor XCL101 Datasheet HTML 9Page - Torex Semiconductor XCL101 Datasheet HTML 10Page - Torex Semiconductor XCL101 Datasheet HTML 11Page - Torex Semiconductor XCL101 Datasheet HTML 12Page - Torex Semiconductor XCL101 Datasheet HTML 13Page - Torex Semiconductor XCL101 Datasheet HTML 14Page - Torex Semiconductor XCL101 Datasheet HTML 15Page - Torex Semiconductor XCL101 Datasheet HTML 16Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12/19
XCL101Series
NOTE ON USE (Continued)
13. If the CL capacity or load current becomes excessively large, the output voltage start-up time, when the power is turned on, will increase, so
the coil current might be superimposed during the time it takes for the output voltage to become sufficiently higher than the VBAT voltage.
14. If the input voltage is higher than the output voltage, then the circuit automatically enters the through mode. When the input voltage becomes
close to the output voltage, there could be repeated switching between the boost mode and through mode causing the ripple voltage to
fluctuate. (Refer to the graphic below)
15. If a different power supply is connected from an external source to the XCL101A/XCL101C, the IC could be destroyed.
16. For temporary, transitional voltage drop or voltage rising phenomenon, the IC is liable to malfunction should the ratings be exceeded.
17. Torex places an importance on improving our products and their reliability. We request that users incorporate fail-safe designs and post-aging
protection treatment when using Torex products in their systems.
18. With the XCL101A, when the VBAT or VCE power supply is input, if the VOUT pin voltage does not exceed VBAT -0.35V, which can happen due to
the load current being more than the inrush protection current, step-up mode or through mode operations won’t function correctly.
19. With the XCL101C, when the VBAT power supply is input, if the VOUT pin voltage does not exceed VBAT -0.35V, which can happen due to the
load current being more than the inrush protection current, by pass mode operations won’t function correctly.
VBAT=VCE=3.316V,VOUT=3.412V,IOUT=3mA,L=4.7μH,CL=10μF,Ta=25℃
VOUT
VBAT:100mV/div
VLX
200[μs/div]
VOUT:100mV/div
VBAT
VLX:2.0V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com