Electronic Components Datasheet Search
  English  ▼

X  

XCL101 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XCL101
Description  Inductor Built-in Step-up ?쐌icro DC/DC??Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL101 Datasheet(HTML) 5 Page - Torex Semiconductor

  XCL101 Datasheet HTML 1Page - Torex Semiconductor XCL101 Datasheet HTML 2Page - Torex Semiconductor XCL101 Datasheet HTML 3Page - Torex Semiconductor XCL101 Datasheet HTML 4Page - Torex Semiconductor XCL101 Datasheet HTML 5Page - Torex Semiconductor XCL101 Datasheet HTML 6Page - Torex Semiconductor XCL101 Datasheet HTML 7Page - Torex Semiconductor XCL101 Datasheet HTML 8Page - Torex Semiconductor XCL101 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5/19
XCL101
Series
ELECTRICAL CHARACTERISTICS (Continued)
XCL101Cxx1BR-G/XCL101Cxx1ER-G
Unless otherwise stated, VBAT= VCE= 1.5V
(*1) VOUT(T) =Nominal Output Voltage
(*2) VOUT(E) =Effective Output Voltage
The actual output voltage value VOUT(E) is the PFM comparator threshold voltage in the IC. Therefore, the DC/DC circuit output
voltage, including the peripheral components, is boosted by the ripple voltage average value. Please refer to the characteristic
example.
(*3) LX SW “Pch” ON resistance =(VLX-VOUTpin measurement voltage) / 200mA
(*4) LX SW “Nch” ONresistance measurement method is shown in the measurement circuit diagram.
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Input Voltage
VBAT
-
-
-
5.5
V
-
Output Voltage
VOUT(E)(*2)
VPULL=1.5V, Voltage to strat oscillation
while VOUT is decreasing
<E1>
V
Operation Start Voltage
VST1
IOUT=1mA
-
-
0.9
V
Operation Hold Voltage
VHLD
RL=1kΩ
-
0.7
-
V
Supply Current
Iq
Oscillation stops,
VOUT=VOUT(T)+0.5V (*1)
<E2>
μ
A
Input Pin Current
IBAT
VBAT=VCE=1.5V, VOUT=VOUT(E)(*2)+0.5V
-
0.25
1.0
μ
A
Bypass Mode Current
IBYP
VBAT=VLX=5.5V, VCE=0V
-
3.5
6.1
μ
A
PFM Switching Current
IPFM
IOUT=3mA
295
350
405
mA
Maxixmum On Time
tONMAX
VPULL=1.5V, VOUT=VOUT(T)(*1)×0.98V
3.1
4.6
6.0
μ
s
LX SW “Pch” ON
Resistance (*3)
RLXP
VBAT=VLX=VCE=VOUT(E)(*2)+ 0.5V,
IOUT=200mA
<E3>
LX SW “Nch” ON
Resistance (*4)
RLXN
VBAT=VOUT(E)(*2)=3.3V, VOUT=1.7V
-
0.6
-
CE “High” Voltage
VCEH
VBAT=VPULL=1.5V
VOUT=VOUT(T)(*1)×0.98V
While VCE=0.3→0.75V,
Voltage to start oscillation
0.75
-
5.5
V
CE “Low” Voltage
VCEL
VBAT=VPULL=1.5V
VOUT=VOUT(T) (*1)× 0.98V
While VCE=0.75 → 0.3V,
Voltage to stop oscillation
VSS
-
0.3
V
CE “High” Current
ICEH
VBAT=VCE=VLX=VOUT=5.5V
-0.1
-
0.1
μ
A
CE “Low” Current
ICEL
VBAT=VLX=VOUT=5.5V, VCE=0V
-0.1
-
0.1
μ
A
Inductance Value
L
Test Frequency=1MHz
-
4.7
-
μ
H
-
(Inductor) Rated Current
IDC
∆T=+40℃
-
700
-
mA
-
Ta=25 ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com