Electronic Components Datasheet Search
  English  ▼

X  

XCL101 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XCL101
Description  Inductor Built-in Step-up ?쐌icro DC/DC??Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL101 Datasheet(HTML) 2 Page - Torex Semiconductor

  XCL101 Datasheet HTML 1Page - Torex Semiconductor XCL101 Datasheet HTML 2Page - Torex Semiconductor XCL101 Datasheet HTML 3Page - Torex Semiconductor XCL101 Datasheet HTML 4Page - Torex Semiconductor XCL101 Datasheet HTML 5Page - Torex Semiconductor XCL101 Datasheet HTML 6Page - Torex Semiconductor XCL101 Datasheet HTML 7Page - Torex Semiconductor XCL101 Datasheet HTML 8Page - Torex Semiconductor XCL101 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2/19
XCL101Series
VDD MAX
RFB2
RFB1
Error
Amp.
Load
Disconnection
Controller
CE and Bypass
Controller
Logic
PFM
Comparator
Synch
Buffer
Drive
LX
VBAT
VOUT
Current
Sense
Logic
VREF
CFB
Inductor
VSS
L2
L1
PFM
Controller
Logic
VDD
CE
■
BLOCK DIAGRAM
XCL101A / XCL101C
■
PRODUCTION CLASSIFICATION
●
Ordering Information
XCL101①②③④⑤⑥-⑦(*1) PFM control
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
①
Product Type
A
Load Disconnection
C
VBAT Bypass
②③
Output Voltage
18~50
Output Voltage
e.g. VOUT=1.8V ⇒ ②=1、③=8
④
Oscillation Frequency
1
1.2MHz
⑤⑥
-⑦
Package
(Order Unit)
BR-G(*2)
CL-2025 (3,000/Reel)
ER-G(*3)
CL-2025-02 (3,000/Reel)
* Diodes inside the circuits are ESD protection diodes and parasitic diodes.
(*1)The “-G” suffix denotes Halogen and Antimony free as well as being fully EU RoHS compliant.
(*2) BR-G is storage temperature range "-40 ℃ ~ + 105 ℃".
(*3) ER-G is storage temperature range "-40 ℃ ~ + 125 ℃".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com