Electronic Components Datasheet Search
  English  ▼

X  

XCL101 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XCL101
Description  Inductor Built-in Step-up ?쐌icro DC/DC??Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL101 Datasheet(HTML) 3 Page - Torex Semiconductor

  XCL101 Datasheet HTML 1Page - Torex Semiconductor XCL101 Datasheet HTML 2Page - Torex Semiconductor XCL101 Datasheet HTML 3Page - Torex Semiconductor XCL101 Datasheet HTML 4Page - Torex Semiconductor XCL101 Datasheet HTML 5Page - Torex Semiconductor XCL101 Datasheet HTML 6Page - Torex Semiconductor XCL101 Datasheet HTML 7Page - Torex Semiconductor XCL101 Datasheet HTML 8Page - Torex Semiconductor XCL101 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3/19
XCL101
Series
1 LX
2 VOUT
3 VBAT
VSS 6
NC 5
CE 4
8 L2
7 L1
PIN CONFIGURATION
PIN ASSIGNMENT
CE PIN FUNCTION
PIN NAME
SIGNAL
STATUS
CE
H
Operation (All Series)
L
XCL101A Series:Stand-by
XCL101C Series:Bypass Mode
ABSOLUTE MAXIMUM RATINGS
PIN NUMBER
PIN NAME
FUNCTIONS
1
LX
Switching
2
VOUT
Output Voltage
3
VBAT
Power Input
4
CE
Chip Enable
5
NC
No Connection
6
VSS
Ground
7
L1
Inductor Electrodes
8
L2
PARAMETER
SYMBOL
RATINGS
UNITS
VBAT Pin Voltage
VBAT
-0.3 ~ +7.0
V
LX Pin Voltage
VLX
-0.3 ~ VOUT+0.3 or +7.0 (*1)
V
VOUT Pin Voltage
VOUT
-0.3 ~ +7.0
V
CE Pin Voltage
VCE
-0.3 ~ +7.0
V
LX Pin Current
ILX
700
mA
Power Dissipation
Pd
1000 (*2)
mW
Operating Ambient Temperature
Topr
- 40 ~ +85
ºC
Storage
Temperature(*3)
CL-2025
Tstg
- 40 ~ +105
ºC
CL-2025-02
- 40 ~ +125
ºC
* If the dissipation pad needs to be connected to other pins, it should be
connected to the VSS pin.
* Please refer to pattern layout page for the connecting to PCB.
(BOTTOM VIEW)
Ta=25ºC
* Please do not leave the CE pin open.
All voltages are described based on the GND.
(*1) The maximum value should be either VOUT+0.3V or +7.0V in the lowest.
(*2) The power dissipation figure shown is PCB mounted (40mm x 40mm, t=1.6mm, Glass Epoxy FR-4).
(*3) Storage temperature, are divided by the product specification of the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com