Electronic Components Datasheet Search
  English  ▼

X  

XCL101 Datasheet(PDF) 15 Page - Torex Semiconductor

Part # XCL101
Description  Inductor Built-in Step-up ?쐌icro DC/DC??Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL101 Datasheet(HTML) 15 Page - Torex Semiconductor

Back Button XCL101 Datasheet HTML 11Page - Torex Semiconductor XCL101 Datasheet HTML 12Page - Torex Semiconductor XCL101 Datasheet HTML 13Page - Torex Semiconductor XCL101 Datasheet HTML 14Page - Torex Semiconductor XCL101 Datasheet HTML 15Page - Torex Semiconductor XCL101 Datasheet HTML 16Page - Torex Semiconductor XCL101 Datasheet HTML 17Page - Torex Semiconductor XCL101 Datasheet HTML 18Page - Torex Semiconductor XCL101 Datasheet HTML 19Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
15/19
XCL101
Series
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
0
50
100
150
200
250
300
Output Current: I
OUT (mA)
V
IN=3.6V
CE=0V
Ta=25℃
-40℃
85℃
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
0
50
100
150
200
250
300
Output Current: I
OUT (mA)
V
IN=5.0V
CE=0V
85℃
Ta=25℃
-40℃
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
4) Bypass Voltage vs. Output Current
5) Load Transient Response
XCL101C331BR-G
XCL101C501BR-G
XCL101C331BR-G
VBAT=VCE=1.8V, VOUT=3.3V, Ta=25℃, CIN=4.7μF, CL=10μF
VOUT:50mV/Div, IOUT SW:1.0V/Div, Time:20μs
IOUT= 1.0mA→50mA
XCL101C331BR-G
IOUT= 50mA→1.0mA
VOUT
IOUT SW
IOUT =1.0mA
IOUT =50mA
VOUT
IOUT SW
IOUT =1.0mA
IOUT =50mA
VBAT=VCE=1.8V, VOUT=3.3V, Ta=25℃, CIN=4.7μF, CL=10μF
VOUT:50mV/Div, IOUT SW:1.0V/Div, Time:20μs
XCL101C501BR-G
IOUT= 1.0mA→50mA
XCL101C501BR-G
IOUT= 1.0mA→50mA
VBAT=VCE=3.0V, VOUT=5.0V, Ta=25℃, CIN=4.7μF, CL=10μF
VOUT:50mV/Div, IOUT SW:1.0V/Div, Time:20μs
VBAT=VCE=3.0V, VOUT=5.0V, Ta=25℃, CIN=4.7μF, CL=10μF
VOUT:50mV/Div, IOUT SW:1.0V/Div, Time:20μs
VOUT
IOUT SW
IOUT =1.0mA
IOUT =50mA
VOUT
IOUT SW
IOUT =1.0mA
IOUT =50mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com