Electronic Components Datasheet Search
  English  ▼

X  

XCL101 Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XCL101
Description  Inductor Built-in Step-up ?쐌icro DC/DC??Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL101 Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XCL101 Datasheet HTML 4Page - Torex Semiconductor XCL101 Datasheet HTML 5Page - Torex Semiconductor XCL101 Datasheet HTML 6Page - Torex Semiconductor XCL101 Datasheet HTML 7Page - Torex Semiconductor XCL101 Datasheet HTML 8Page - Torex Semiconductor XCL101 Datasheet HTML 9Page - Torex Semiconductor XCL101 Datasheet HTML 10Page - Torex Semiconductor XCL101 Datasheet HTML 11Page - Torex Semiconductor XCL101 Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8/19
XCL101Series
TYPICAL APPLICATION CIRCUIT
(TOP VIEW)
* The embedded coil is optimized for XCL101 series. Please do not use for other purposes.
Recommended External Components】
MANUFACTURE
PRODUCT NUMBER
VALUE
L×W (mm)
CIN, CL
TDK
C1608JB1A106K
10μF/10V
1.60 × 0.80
C1608X5R1A106K
10μF/10V
1.60 × 0.80
C2012JB1A106K
10μF/10V
2.00 × 1.25
C2012X5R106K
10μF/10V
2.00 × 1.25
TAIYO YUDEN
LMK107BBJ106MALT
10μF/10V
1.60 × 0.80
LMK212ABJ106KG
10μF/10V
2.00 × 1.25
LMK212BBJ226MG
22μF/10V
2.00 × 1.25
JMK212BBJ476MG
47μF/6.3V
2.00 × 1.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com