Electronic Components Datasheet Search
  English  ▼

X  

XCL101 Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XCL101
Description  Inductor Built-in Step-up ?쐌icro DC/DC??Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL101 Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XCL101 Datasheet HTML 5Page - Torex Semiconductor XCL101 Datasheet HTML 6Page - Torex Semiconductor XCL101 Datasheet HTML 7Page - Torex Semiconductor XCL101 Datasheet HTML 8Page - Torex Semiconductor XCL101 Datasheet HTML 9Page - Torex Semiconductor XCL101 Datasheet HTML 10Page - Torex Semiconductor XCL101 Datasheet HTML 11Page - Torex Semiconductor XCL101 Datasheet HTML 12Page - Torex Semiconductor XCL101 Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9/19
XCL101
Series
VDD MAX
RFB2
RFB1
Error
Amp.
Load
Disconnection
Controller
CE and Bypass
Controller
Logic
PFM
Comparator
Synch
Buffer
Drive
LX
VBAT
VOUT
Current
Sense
Logic
VREF
CFB
Inductor
VSS
L2
L1
PFM
Controller
Logic
VDD
CE
OPERATION EXPLANATION
The XCL101 Series consists of a standard voltage source, a PFM comparator, a Nch driver Tr, a Pch synchronous rectifier switch Tr, a current
sense circuit, a PFM control circuit and a CE control circuit, etc. (refer to the block diagram below.)
Current limit PFM control is used for the control method to make it difficult for the output voltage ripple to increase even when the switching
current is superimposed, so the product can be used within a wide voltage and current range. Further, because PFM control is used, it has
excellent transient response to support low capacity ceramic capacitors to realize a compact, high-performance boost DC/DC converter.
The synchronous driver and rectifier switch Tr efficiently sends the coil energy to the capacitor connected to the VOUT pin to achieve highly
efficient operation from low to high loads.
The electrical characteristics actual output voltage VOUT(E) is the PFM comparator threshold voltage shown in the block diagram. Therefore, the
booster circuit output voltage average value, including the peripheral components, depends on the ripple voltage, so this must be carefully
evaluated before being used in the actual product.
< Reference Voltage Source (VREF)>
The reference voltage source (VREF voltage) provides the reference voltage to ensure stable output voltage of the DC/DC converter.
< PFM Control >
The voltage from the output voltage divided by the division resistors RFB1 and RFB2 in the IC is used as feedback voltage (FB voltage), and the
PFM comparator is compared with the FB voltage and VREF. If the FB voltage is lower than VREF, the signal is sent to the buffer driver via the PFM
control circuit and the Nch driver Tr is turned ON. If the FB voltage is higher than VREF, the PFM comparator sends a signal that does not turn ON
the Nch driver Tr.
The current sense circuit monitors the current flowing in the Nch driver Tr connected to the Lx pin when the Nch driver Tr is ON. When the
prescribed PFM switching current (IPFM) is reached, the signal is sent to the buffer driver via the PFM control circuit to turn OFF the Nch driver Tr
and turn ON the Pch synchronous rectifier switch Tr.
The Pch synchronous rectifier switch Tr ON time (off time) is dynamically optimized internally. After the off time has passed, when the PFM
comparator confirms the VOUT voltage has exceeded the set voltage, a signal that does not allow the Nch driver Tr to be turned on is sent from the
PFM comparator to the PFM control circuit, but if the VOUT voltage remains lower than the set voltage, then Nch driver Tr ON is started.
The intervals of the above
①②③ linked operations are continuously adjusted in response to the load current to ensure the output voltage is kept
stable from low to high loads and that it is done with good efficiency.
VLX
VOUT
ILX
VLX
VOUT
ILX
VOUT(E)
VOUT Voltage
Average
VOUT(E)
IPFM
VOUT:50mV/div
VLX:2V/div
ILX:200mA/div
VOUT Voltage
Average
VBAT=VCE=2.0V、VOUT=3.3V、IOUT=20mA、L=4.7μH、CL=10μF、Ta=25℃
2[μs/div]
2[μs/div]
VBAT=VCE=2.0V、VOUT=3.3V、IOUT=70mA、L=4.7μH、CL=10μF、Ta=25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com