Electronic Components Datasheet Search
  English  ▼

X  

UPD17147 Datasheet(PDF) 3 Page - NEC

Part # UPD17147
Description  SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17147 Datasheet(HTML) 3 Page - NEC

  UPD17147 Datasheet HTML 1Page - NEC UPD17147 Datasheet HTML 2Page - NEC UPD17147 Datasheet HTML 3Page - NEC UPD17147 Datasheet HTML 4Page - NEC UPD17147 Datasheet HTML 5Page - NEC UPD17147 Datasheet HTML 6Page - NEC UPD17147 Datasheet HTML 7Page - NEC UPD17147 Datasheet HTML 8Page - NEC UPD17147 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 102 page
background image
3
µPD17145(A1), 17147(A1), 17149(A1)
POC circuit
Operating voltage
Package
One-time PROM version
µPD17P149
Timer
3 channels
• Internal interrupt: 4
FUNCTION LIST
Part Number
µPD17145 (A1)
µPD17147 (A1)
µPD17149 (A1)
Item
ROM capacity
2 KB (1024
× 16 bits)
4 KB (2048
× 16 bits)
8 KB (4096
× 16 bits)
RAM capacity
110
× 4 bits
Stack
Address stack
× 5, interrupt stack × 3
• I/O
: 20
I/O ports
23
• Input
: 2
• Sense input (INT pinNote): 1
A/D converter input
4 channels (shared with port pins), absolute accuracy:
±1.5 LSB MAX.
• 8-bit timer/counter:
2 channels (can be used as 1 channel of 16-bit timer)
• 7-bit basic interval timer:
1 channel (can be used as watchdog timer)
Serial interface
1 channel (3-wire)
• Multiple interrupt by hardware (3 levels MAX.)
• External interrupt (INT): 1
Rising edge, falling edge, or both rising and falling
edges selectable for detection.
Interrupt
• Timer 0 (TM0)
• Timer 1 (TM1)
• Basic interval timer (BTM)
• Serial interface (SIO)
Instruction execution time
2
µs (at 8 MHz, ceramic oscillation)
Standby function
HALT, STOP
Mask option
(Can be used in application circuit that operates on VDD = 5 V
± 10 %, 400 kHz to 4 MHz)
2.7 to 5.5 V (at 400 kHz to 2 MHz)
4.5 to 5.5 V (at 400 kHz to 8 MHz)
28-pin plastic shrink DIP (400 mil)
28-pin plastic SOP (375 mil)
Quality grade is "standard" and not (A1).
Operating temperature range: Ta = –40 to +85 ˚C
Note
The INT pin is used as an input pin (sense input) when the external interrupt function is not used.
The status of this pin is read by using the INT flag of a control register, not by a port register.
Caution
The PROM version is functionally compatible with the mask ROM versions but its internal
circuit and part of the electrical characteristics are different from those of the mask ROM
versions. To replace the PROM version with a mask ROM version, thoroughly conduct
application evaluation by using a sample of the mask ROM version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com