Electronic Components Datasheet Search
  English  ▼

X  

UPD17147 Datasheet(PDF) 91 Page - NEC

Part # UPD17147
Description  SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17147 Datasheet(HTML) 91 Page - NEC

Back Button UPD17147 Datasheet HTML 87Page - NEC UPD17147 Datasheet HTML 88Page - NEC UPD17147 Datasheet HTML 89Page - NEC UPD17147 Datasheet HTML 90Page - NEC UPD17147 Datasheet HTML 91Page - NEC UPD17147 Datasheet HTML 92Page - NEC UPD17147 Datasheet HTML 93Page - NEC UPD17147 Datasheet HTML 94Page - NEC UPD17147 Datasheet HTML 95Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 102 page
background image
91
µPD17145(A1), 17147(A1), 17149(A1)
P28GT-50-375B-1
ITEM
MILLIMETERS
INCHES
NOTE
Each lead centerline is located within 0.12
mm (0.005 inch) of its true position (T.P.) at
maximum material condition.
18.2 MAX.
0.845 MAX.
1.27 (T.P.)
0.40
0.125±0.075
2.9 MAX.
2.50±0.2
10.3±0.3
7.2±0.2
1.6±0.2
0.15
0.8±0.2
0.12
0.10
0.717 MAX.
0.034 MAX.
0.050 (T.P.)
0.016
0.005±0.003
0.115 MAX.
0.098
0.406
0.283
0.063±0.008
0.006
0.031
0.005
0.004
+0.009
–0.008
A
B
C
D
E
F
G
H
I
J
K
L
M
N
+0.10
–0.05
+0.10
–0.05
+0.004
–0.002
+0.009
–0.008
+0.012
–0.013
+0.009
–0.008
+0.004
–0.003
28 PIN PLASTIC SOP (375 mil)
28
15
A
I
M M
D
C
N
detail of lead end
B
H
L
J
114
Caution
The ES model differs from the mass-produced model in terms of outline dimension and
materials. Refer to the drawing of the ES model.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com