Electronic Components Datasheet Search
  English  ▼

X  

UPD17147 Datasheet(PDF) 20 Page - NEC

Part # UPD17147
Description  SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17147 Datasheet(HTML) 20 Page - NEC

Back Button UPD17147 Datasheet HTML 16Page - NEC UPD17147 Datasheet HTML 17Page - NEC UPD17147 Datasheet HTML 18Page - NEC UPD17147 Datasheet HTML 19Page - NEC UPD17147 Datasheet HTML 20Page - NEC UPD17147 Datasheet HTML 21Page - NEC UPD17147 Datasheet HTML 22Page - NEC UPD17147 Datasheet HTML 23Page - NEC UPD17147 Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 102 page
background image
20
µPD17145(A1), 17147(A1), 17149(A1)
5. DATA MEMORY (RAM)
The data memory is used to store data for operation and control. Data can always be written to or read from
this memory by using an instruction.
5.1 Configuration of Data Memory
The data memory is assigned addresses each consisting of 7 bits. The higher 3 bits of an address are called
a “row address”, while the lower 4 bits are called a “column address”.
Take address 1AH for example. The row address of this address is 1H and the column address is 0AH.
One address consists of 4 bits (= 1 nibble) of memory.
The data memory consists of an area to which the user can save data, and areas to which special functions
are allocated in advance. These areas are:
• System register (SYSREG)
(Refer to 7. SYSTEM REGISTER (SYSREG).)
• Data buffer (DBF)
(Refer to 9. DATA BUFFER (DBF).)
• Port register
(Refer to 11. PORT.)
Figure 5-1. Configuration of Data Memory
0
1
2
34567
8
9
A
B
C
D
E
F
DBF3 DBF2 DBF1 DBF0
P0E
(4 bits)
P0F
(2 bits)
P0A
(4 bits)
P0B
(4 bits)
P0C
(4 bits)
P0D
(4 bits)
0
1
2
3
4
5
6
7
BANK0
Example :
Address
1AH of BANK0
System register
Column address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com