Electronic Components Datasheet Search
  English  ▼

X  

UPD17147 Datasheet(PDF) 23 Page - NEC

Part # UPD17147
Description  SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17147 Datasheet(HTML) 23 Page - NEC

Back Button UPD17147 Datasheet HTML 19Page - NEC UPD17147 Datasheet HTML 20Page - NEC UPD17147 Datasheet HTML 21Page - NEC UPD17147 Datasheet HTML 22Page - NEC UPD17147 Datasheet HTML 23Page - NEC UPD17147 Datasheet HTML 24Page - NEC UPD17147 Datasheet HTML 25Page - NEC UPD17147 Datasheet HTML 26Page - NEC UPD17147 Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 102 page
background image
23
µPD17145(A1), 17147(A1), 17149(A1)
Figure 7-2. Configuration of System Register
Notes 1.
0 in this field means that the bit is “fixed to 0”.
2.
b3 and b2 of AR2 of the
µPD17145(A1) are fixed to 0. b3 of AR2 of the µPD17147(A1) is fixed to
0.
74H
75H
76H
77H
78H
79H
7AH
7BH
7CH
7DH
7EH
7FH
AR3
AR2
AR1
AR0
WR
BANK
IXH
IXM
IXL
RPH
RPL
PSW
MPH
MPL
b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0
00 0 000 0 0 00 0 0 00 0 0
00 0 0 00 0 0 00 0 0 00 0 0 00 0 0 00 0 0 00 0 0
0 0 0
0 00 0
0 00 0
0 00 0
(RP)
(MP)
(IX)
(BANK)
(AR)
M
P
E
B
C
D
C
M
P
C
YZ
I
X
E
Address
Name
Symbol
Bit
Data
Note1
Initial
value at
reset
0
Note2
Undefi-
ned
Address register
(AR)
Window
register
(WR)
Bank
register
(BANK)
Index register
(IX)
Data memory
row address
pointer (MP)
General register
pointer
(RP)
Program
status
word
(PSWORD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com