Electronic Components Datasheet Search
  English  ▼

X  

UPD17147 Datasheet(PDF) 47 Page - NEC

Part # UPD17147
Description  SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17147 Datasheet(HTML) 47 Page - NEC

Back Button UPD17147 Datasheet HTML 43Page - NEC UPD17147 Datasheet HTML 44Page - NEC UPD17147 Datasheet HTML 45Page - NEC UPD17147 Datasheet HTML 46Page - NEC UPD17147 Datasheet HTML 47Page - NEC UPD17147 Datasheet HTML 48Page - NEC UPD17147 Datasheet HTML 49Page - NEC UPD17147 Datasheet HTML 50Page - NEC UPD17147 Datasheet HTML 51Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 102 page
background image
47
µPD17145(A1), 17147(A1), 17149(A1)
14.3 Operation of A/D Converter
The operation of the A/D converter can be executed in two modes, depending on the setting of the ADCSOFT
flag: successive and single modes.
ADCSOFT
Operation Mode of A/D Converter
0
Successive mode (A/D conversion)
1
Single mode (compare operation)
Figure 14-2. Relationships between Analog Input Voltage and Digital Conversion Result
N
256
Ideal conversion result
FFH
FEH
FDH
N
03H
02H
01H
00H
1
256
255
256
256
256
(
× VDD)
Analog input voltage (V)
0
2
256
254
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com