Electronic Components Datasheet Search
  English  ▼

X  

UPD17147 Datasheet(PDF) 18 Page - NEC

Part # UPD17147
Description  SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17147 Datasheet(HTML) 18 Page - NEC

Back Button UPD17147 Datasheet HTML 14Page - NEC UPD17147 Datasheet HTML 15Page - NEC UPD17147 Datasheet HTML 16Page - NEC UPD17147 Datasheet HTML 17Page - NEC UPD17147 Datasheet HTML 18Page - NEC UPD17147 Datasheet HTML 19Page - NEC UPD17147 Datasheet HTML 20Page - NEC UPD17147 Datasheet HTML 21Page - NEC UPD17147 Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 102 page
background image
18
µPD17145(A1), 17147(A1), 17149(A1)
3. PROGRAM COUNTER (PC)
The program counter is used to address the program memory.
3.1 Configuration of Program Counter
The program counter is a 10-/11-/12-bit binary counter as shown in Figure 3-1.
Figure 3-1. Program Counter
3.2 Operation of Program Counter
Usually, the contents of the program counter are automatically incremented each time an instruction has been
executed. When reset has been effected, when a branch, subroutine call, return, or table reference instruction
has been executed, or when an interrupt has been acknowledged, the address of the program memory to be
executed next is set to the program counter.
Figure 3-2. Value of Program Counter after Instruction Execution
Bit of Program Counter
Value of Program Counter
Instruction
PC11 PC10
PC9
PC8
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
At reset
00000
0
0000
0
0
0
1
Value specified by addr
CALL addr
0
BR @AR
CALL @AR
Contents of address register (AR)
(MOVT DBF, @AR)
RET
RETSK
Contents of address stack indicated by stack pointer (return address)
RETI
When interrupt is acknowledged
Vector address of each interrupt
Remark
The
µPD17145(A1) does not have PC11 and PC10. The µPD17147(A1) does not have PC11.
BR addr
MSB
PC11
PC10
PC9
PC8
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
PC ( PD17145(A1))
PC ( PD17147(A1))
PC ( PD17149(A1))
LSB
µ
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com