Electronic Components Datasheet Search
  English  ▼

X  

UPD17147 Datasheet(PDF) 76 Page - NEC

Part # UPD17147
Description  SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17147 Datasheet(HTML) 76 Page - NEC

Back Button UPD17147 Datasheet HTML 72Page - NEC UPD17147 Datasheet HTML 73Page - NEC UPD17147 Datasheet HTML 74Page - NEC UPD17147 Datasheet HTML 75Page - NEC UPD17147 Datasheet HTML 76Page - NEC UPD17147 Datasheet HTML 77Page - NEC UPD17147 Datasheet HTML 78Page - NEC UPD17147 Datasheet HTML 79Page - NEC UPD17147 Datasheet HTML 80Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 102 page
background image
76
µPD17145(A1), 17147(A1), 17149(A1)
Data buffer (DBF)
Symbol Name
Attribute
Value
Read/Write
Description
DBF3
MEM
0.0CH
R/W
Bits 15 to 12 of DBF
DBF2
MEM
0.0DH
R/W
Bits 11 to 8 of DBF
DBF1
MEM
0.0EH
R/W
Bits 7 to 4 of DBF
DBF0
MEM
0.0FH
R/W
Bits 3 to 0 of DBF
Port register
Symbol Name
Attribute
Value
Read/Write
Description
P0A3
FLG
0.70H.3
R/W
Bit 3 of port 0A
P0A2
FLG
0.70H.2
R/W
Bit 2 of port 0A
P0A1
FLG
0.70H.1
R/W
Bit 1 of port 0A
P0A0
FLG
0.70H.0
R/W
Bit 0 of port 0A
P0B3
FLG
0.71H.3
R/W
Bit 3 of port 0B
P0B2
FLG
0.71H.2
R/W
Bit 2 of port 0B
P0B1
FLG
0.71H.1
R/W
Bit 1 of port 0B
P0B0
FLG
0.71H.0
R/W
Bit 0 of port 0B
P0C3
FLG
0.72H.3
R/W
Bit 3 of port 0C
P0C2
FLG
0.72H.2
R/W
Bit 2 of port 0C
P0C1
FLG
0.72H.1
R/W
Bit 1 of port 0C
P0C0
FLG
0.72H.0
R/W
Bit 0 of port 0C
P0D3
FLG
0.73H.3
R/W
Bit 3 of port 0D
P0D2
FLG
0.73H.2
R/W
Bit 2 of port 0D
P0D1
FLG
0.73H.1
R/W
Bit 1 of port 0D
P0D0
FLG
0.73H.0
R/W
Bit 0 of port 0D
P0E3
FLG
0.6EH.3
R/W
Bit 3 of port 0E
P0E2
FLG
0.6EH.2
R/W
Bit 2 of port 0E
P0E1
FLG
0.6EH.1
R/W
Bit 1 of port 0E
P0E0
FLG
0.6EH.0
R/W
Bit 0 of port 0E
P0F1
FLG
0.6FH.1
R
Bit 1 of port 0F
P0F0
FLG
0.6FH.0
R
Bit 0 of port 0F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com