Electronic Components Datasheet Search
  English  ▼

X  

UPD17147 Datasheet(PDF) 83 Page - NEC

Part # UPD17147
Description  SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17147 Datasheet(HTML) 83 Page - NEC

Back Button UPD17147 Datasheet HTML 79Page - NEC UPD17147 Datasheet HTML 80Page - NEC UPD17147 Datasheet HTML 81Page - NEC UPD17147 Datasheet HTML 82Page - NEC UPD17147 Datasheet HTML 83Page - NEC UPD17147 Datasheet HTML 84Page - NEC UPD17147 Datasheet HTML 85Page - NEC UPD17147 Datasheet HTML 86Page - NEC UPD17147 Datasheet HTML 87Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 102 page
background image
83
µPD17145(A1), 17147(A1), 17149(A1)
Output voltage, low
Output voltage, high
VOH
P0A, P0B, P0C
DC Characteristics (VDD = 2.7 to 5.5 V, Ta = –40 to +110
°C)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
VIH1
P0A, P0B, P0C, P0D, P0E, P0F
0.7VDD
VDD
V
Input voltage, high
VIH2
RESET, SCK, SI, INT
0.8VDD
VDD
V
VIH3
XIN
VDD – 0.5
VDD
V
VIL1
P0A, P0B, P0C, P0D, P0E, P0F
0
0.3VDD
V
Input voltage, low
VIL2
RESET, SCK, SI, INT
0
0.2VDD
V
VIL3
XIN
0
0.4
V
4.5
≤ VDD ≤ 5.5
VDD – 0.3
V
IOH = –1.0 mA
2.7
≤ VDD < 4.5
VDD – 0.3
V
IOH = –0.5 mA
4.5
≤ VDD ≤ 5.5
0.3
V
IOL = 1.0 mA
2.7
≤ VDD < 4.5
0.3
V
IOL = 0.5 mA
P0D, P0E
4.5
≤ VDD ≤ 5.5
1.0
V
VOL2
IOL = 15 mA
2.7
≤ VDD < 4.5
2.0
V
Input leakage current, high
ILIH
P0A, P0B, P0C, P0D, P0E, P0F
VIN = VDD
5
µA
Input leakage current, low
ILIL
P0A, P0B, P0C, P0D, P0E, P0F
VIN = 0 V
–5
µA
Output leakage current, high
ILOH
P0A, P0B, P0C, P0D, P0E
VOUT = VDD
5
µA
Output leakage current, low
ILOL
P0A, P0B, P0C, P0D, P0E
VOUT = 0 V
–5
µA
P0A, P0B, P0E, P0F, RESET, INT
50
100
250
k
Ω
P0D
3
10
30
k
Ω
fx = 8.0 MHz
VDD = 5 V
± 10 %
2.0
4.5
mA
fx = 4.0 MHz
VDD = 5 V
± 10 %
1.4
3.3
mA
IDD1
Operation mode
fx = 2.0 MHz
VDD = 3 V
± 10 %
0.5
1.5
mA
fx = 400 kHz
VDD = 5 V
± 10 %
0.9
1.7
mA
VDD = 3 V
± 10 %
0.3
1.0
mA
fx = 8.0 MHz
VDD = 5 V
± 10 %
1.0
2.0
mA
fx = 4.0 MHz
VDD = 5 V
± 10 %
0.9
1.9
mA
IDD2
HALT mode
fx = 2.0 MHz
VDD = 3 V
± 10 %
0.3
1.0
mA
fx = 400 kHz
VDD = 5 V
± 10 %
0.7
1.5
mA
VDD = 3 V
± 10 %
0.3
0.9
mA
VDD = 5 V
± 10 %
3.0
30
µA
VDD = 3 V
± 10 %
2.0
30
µA
Notes 1.
The pull-up resistors of P0F, RESET, and INT are mask options.
2.
Excluding the current of the A/D converter and POC circuit, and the current flowing into the internal
pull-up resistor.
RPULL
Internal pull-up
resistorNote 1
IDD3
STOP mode
Supply currentNote 2
VOL1
P0A, P0B, P0C, P0D, P0E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com