Electronic Components Datasheet Search
  English  ▼

X  

UM1557 Datasheet(PDF) 67 Page - STMicroelectronics

Part # UM1557
Description  The aim of this document is to give the design engineer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1557 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button UM1557 Datasheet HTML 63Page - STMicroelectronics UM1557 Datasheet HTML 64Page - STMicroelectronics UM1557 Datasheet HTML 65Page - STMicroelectronics UM1557 Datasheet HTML 66Page - STMicroelectronics UM1557 Datasheet HTML 67Page - STMicroelectronics UM1557 Datasheet HTML 68Page - STMicroelectronics UM1557 Datasheet HTML 69Page - STMicroelectronics UM1557 Datasheet HTML 70Page - STMicroelectronics UM1557 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 111 page
background image
UM1557
Paralleling of HSDs
Doc ID 023521 Rev 2
67/111
5.2.2
Hybrid HSDs supplied from different supply lines
Paralleling CS pins of hybrid HSDs is possible, however some precautions in the schematic
should be applied if the HSDs are supplied from different supply lines. Direct connection of
CS pins (as shown in Figure 47) is not safe.
Figure 47.
Direct connection of CS pins (not recommended)
Direct connection of CS pins is not safe in the following cases:
●
Loss of Vbat1 or Vbat2
●
Loss of GND connection
Loss of either Vbat1 or Vbat2 leads to an incorrect current sense signal. If Vbat2 is lost, the
U2 logic part is supplied by the U1 current sense signal through the internal Vcc-CS clamp
structure. Consequently the voltage on the CS bus drops, resulting in an inaccurate VSENSE
reading.
If the GND connection of one device is lost, positive as well as negative ISO pulses on the
associated supply line are no longer clamped (considering no other devices connected on
this supply line). If the transient voltage is high enough to activate the involved clamp
structures, there may be an unlimited current flow between both supply lines through the CS
pins. This current can lead to malfunction or even failure of one or both of the HSDs.
In order to ensure a valid current sense signal and to protect devices in all previously
described cases, we may add a diode in series to each CS pin (as previously described in
the case of monolithic devices – see Section 5.1.1: Monolithic HSDs supplied from different
supply lines).
GND
GND
Vbat1
GND
100nF
Vbat2
GND
100nF
GND
Rsense
GND
ADC_IN
IN
Logic
OUT
CS
FR_Stby
GND
Vcc
Reverse
Bat. Prot.
Pwr Clamp
U2
IN
Logic
OUT
CS
FR_Stby
GND
Vcc
Reverse
Bat. Prot.
Pwr Clamp
U1
Isense
Vsense influenced
Loss of Vbat2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com