Electronic Components Datasheet Search
  English  ▼

X  

UM1557 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM1557
Description  The aim of this document is to give the design engineer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1557 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM1557 Datasheet HTML 18Page - STMicroelectronics UM1557 Datasheet HTML 19Page - STMicroelectronics UM1557 Datasheet HTML 20Page - STMicroelectronics UM1557 Datasheet HTML 21Page - STMicroelectronics UM1557 Datasheet HTML 22Page - STMicroelectronics UM1557 Datasheet HTML 23Page - STMicroelectronics UM1557 Datasheet HTML 24Page - STMicroelectronics UM1557 Datasheet HTML 25Page - STMicroelectronics UM1557 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 111 page
background image
Analogue current sense
UM1557
22/111
Doc ID 023521 Rev 2
3.2
Principle of operation
The simplified block diagram of the analog current sense is illustrated in Figure 16.
Figure 16.
Analog current sense simplified block diagram
The SenseMOS is a scaled down copy of the MainMOS according to a defined geometric
ratio, driven by the same gate control circuit as the MainMOS.
The current flowing through the MainMOS is mirrored by the SenseMOS.
The current delivered by the current sense pin is regulated by the current sense amplifier
through the P channel MOSFET M1 so that:
and consequently
where
encloses the geometric ratio, the current sense amplifier offset and various process
parameter spreads.
Care must be taken in order to ensure the Isense is proportional to IOUT. Indeed, the
maximum drop across the RSENSE is internally limited to approx. 8.5 V as specified in the
Main MOS
Sense MOS
M1
Cursense Amplified
INPUT
M2
58V
VSENSEH
Overload ,
OL in off -state
VOUT < 6V
(VCC > 8V)
Vcc
OUT
To uC ADC
RPROT
RSENSE
out
Main
DS
sense
sense
ds
Sense
DS
Main
DS
I
R
I
R
V
V
⋅
=
⋅
→
=
_
_
_
_
K
I
R
V
out
sense
sense
/
⋅
=
Main
DS
sense
ds
R
R
K
_
_
/
∝



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com