Electronic Components Datasheet Search
  English  ▼

X  

UM1557 Datasheet(PDF) 41 Page - STMicroelectronics

Part # UM1557
Description  The aim of this document is to give the design engineer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1557 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button UM1557 Datasheet HTML 37Page - STMicroelectronics UM1557 Datasheet HTML 38Page - STMicroelectronics UM1557 Datasheet HTML 39Page - STMicroelectronics UM1557 Datasheet HTML 40Page - STMicroelectronics UM1557 Datasheet HTML 41Page - STMicroelectronics UM1557 Datasheet HTML 42Page - STMicroelectronics UM1557 Datasheet HTML 43Page - STMicroelectronics UM1557 Datasheet HTML 44Page - STMicroelectronics UM1557 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 111 page
background image
UM1557
Switching inductive loads
Doc ID 023521 Rev 2
41/111
Figure 29.
Inductive load - Turn off example: VND5T035AK, L=880 mH, R=370
Ω
The demagnetization energy dissipated in the HSD was measured by an oscilloscope with
mathematical functions. The first function F1 shows the actual power dissipation on the
HSD (VBAT - VOUT)*IOUT, the second function (F4) shows the HSD energy (integral of F1).
As seen from the oscillogram the measured values are close to the theoretical calculations
(2.77 mJ@1.3 ms calculated versus 2.6 mJ@1.4 ms measured).
4.3
Proper HSD selection
Even if the device is internally protected against break down during the demagnetization
phase, the energy capability is limited and has to be taken into account during the design of
the application.
It is possible to identify two main mechanisms that can lead to a device failure:
1.
The temperature during the demagnetization rises quickly (depending on the
inductance) and the uneven energy distribution on the power surface can lead to a hot
spot causing the device failure with a single shot.
2.
As in normal operation, the life time of the device is affected by the fast thermal
variation as described by the Coffin-Manson law. Repetitive demagnetization energy
causing temperature variations above 60K causes a shorter life time.
These considerations lead to two simple design rules:
E = 2.6mJ
TDEMAG = 1.4ms
VCLAMP = 63V
VDEMAG = -36V
HSD power dissipation
P = (VBAT-VOUT)*IOUT
HSD energy
∫ ⋅
=
)
(
t
d
P
E
IOUT
VOUT
VBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com