Electronic Components Datasheet Search
  English  ▼

X  

UM1557 Datasheet(PDF) 45 Page - STMicroelectronics

Part # UM1557
Description  The aim of this document is to give the design engineer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1557 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button UM1557 Datasheet HTML 41Page - STMicroelectronics UM1557 Datasheet HTML 42Page - STMicroelectronics UM1557 Datasheet HTML 43Page - STMicroelectronics UM1557 Datasheet HTML 44Page - STMicroelectronics UM1557 Datasheet HTML 45Page - STMicroelectronics UM1557 Datasheet HTML 46Page - STMicroelectronics UM1557 Datasheet HTML 47Page - STMicroelectronics UM1557 Datasheet HTML 48Page - STMicroelectronics UM1557 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 111 page
background image
UM1557
Switching inductive loads
Doc ID 023521 Rev 2
45/111
The device can safely drive the load without additional protection. The worst case
demagnetization energy is clearly below the device limit.
4.4
External clamping selection
The main function of external clamping circuitry is to clamp the demagnetization voltage and
to dissipate the demagnetization energy in order to protect the HSD. It can be used as a
cost effective alternative in case the demagnetization energy exceeds the energy capability
of a given HSD. A typical example is driving DC motors (high currents in combination with
high inductance).
During the selection of a suitable HSD for such an application, we usually end up in the
situation that a given HSD fits perfectly in terms of current profile, but the worst case
demagnetization energy is too high (turn-off from stall condition at 32V, -40
°C). Rather than
selecting a larger HSD the use of an external clamp can be the more economical choice.
External clamping circuitry – requirements summary:
●
Proper negative output voltage clamping to protect the HSD
●
No conduction at:
–
Normal operation (0-32 V)
–
a reverse battery condition (-28 V@5 minutes)
–
Jump start (48 V@15 minutes)
–
Load Dump (58 V@600 ms)
●
Proper energy capability
–
Single demagnetization pulse
–
Repetitive demagnetization pulse
4.4.1
Clamping circuitry examples
1) Freewheeling diode and reverse battery diode
A general purpose diode (D) connected in parallel with the load provides a conductive path
for proper demagnetization. A relatively low demagnetization voltage (1 diode voltage drop
in forward direction) leads to a very slow demagnetization. This can have a negative
influence when driving the relay, for example. A slow movement of the armature (slow
opening of contacts) may reduce the lifetime of the relay contacts (depending on the
switching current).
L
R
Vbat
GND
OUT
Rgnd
Dgnd
GND
GND
Clamp
Vout
Iout
GND
D
Dr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com