Electronic Components Datasheet Search
  English  ▼

X  

UM1557 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM1557
Description  The aim of this document is to give the design engineer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1557 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM1557 Datasheet HTML 25Page - STMicroelectronics UM1557 Datasheet HTML 26Page - STMicroelectronics UM1557 Datasheet HTML 27Page - STMicroelectronics UM1557 Datasheet HTML 28Page - STMicroelectronics UM1557 Datasheet HTML 29Page - STMicroelectronics UM1557 Datasheet HTML 30Page - STMicroelectronics UM1557 Datasheet HTML 31Page - STMicroelectronics UM1557 Datasheet HTML 32Page - STMicroelectronics UM1557 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 111 page
background image
UM1557
Analogue current sense
Doc ID 023521 Rev 2
29/111
Figure 22.
Switchable current sense resistor–example
3.5.3
K-factor calibration method
In order to reduce the Vsense spread, it is possible to reduce the K spread and eliminate the
Rsense variation by adding a simple test (calibration test) at the end of the module
production line.
How the calibration works:
“To calibrate” on a specific device soldered in a module signifies measuring the K ratio at a
given output current by a VSENSE reading. Since the relation of IOUT =ISENSE ×K is
known, it is straightforward to calculate the K ratio. However, even if the K ratio measured at
a single point eliminates the parametric spread, it doesn't eliminate the VSENSE variation
due to the K variation produced by the output current variation.
This variation can be eliminated according to the following considerations:
Table 4 and Figure 23 show a VSENSE measurement on a random VND5T035AK with
RSENSE =2.2 kΩ.
Rgnd
4.7k
Dgnd
GND
R2
56k
GND
Rsense2
R1
56k
R3
56k
GND
Vbat
GND
GND
GND
+5V
GND
C4
100nF
C2
1nF
C1
100nF
C3
10nF
Vdd
GND
out
out
ADC in
out
U2
Microcontroller
Q1
Rsense1
GND
R4
10k
GND
GND
21W
LED
CLUSTER
IN
Logic
OUT
CS
FR_Stby
GND
Vcc
U1
Table 4.
Vsense measurement
Iout[A]
Vsense[V]
10.783
21.563
32.344
43.115
53.898



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com