Electronic Components Datasheet Search
  English  ▼

X  

UM1557 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1557
Description  The aim of this document is to give the design engineer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1557 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM1557 Datasheet HTML 3Page - STMicroelectronics UM1557 Datasheet HTML 4Page - STMicroelectronics UM1557 Datasheet HTML 5Page - STMicroelectronics UM1557 Datasheet HTML 6Page - STMicroelectronics UM1557 Datasheet HTML 7Page - STMicroelectronics UM1557 Datasheet HTML 8Page - STMicroelectronics UM1557 Datasheet HTML 9Page - STMicroelectronics UM1557 Datasheet HTML 10Page - STMicroelectronics UM1557 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 111 page
background image
UM1557
List of figures
Doc ID 023521 Rev 2
7/111
Figure 49.
Block diagram of the L99PD08/AMICO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76
Figure 50.
Application example of AMICO with M0-5T HSDs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77
Figure 51.
Generation of PWM signals by the AMICO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 78
Figure 52.
Behaviour of the LHOMEN signal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 78
Figure 53.
Control of the HSDs’ inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
Figure 54.
State of the HSDs’ outputs while the AMICO is in limp home mode. . . . . . . . . . . . . . . . . . 80
Figure 55.
Simplified diagram on the on-board diagnostic. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
Figure 56.
Example of overload failure reporting in PWM operation . . . . . . . . . . . . . . . . . . . . . . . . . . 82
Figure 57.
Example of overload failure reporting in PWM conditions . . . . . . . . . . . . . . . . . . . . . . . . . 82
Figure 58.
Inrush blanking time . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 83
Figure 59.
HSD output current if the duration of the power limitation is longer than the inrush blanking
time . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84
Figure 60.
Output current of a HSD driving a cold bulb without blanking time. . . . . . . . . . . . . . . . . . . 85
Figure 61.
Dynamic control of the FR_Stby pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 89
Figure 62.
No new activation while Fr_Stby is High. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90
Figure 63.
FR_Stby is High during the activation of the power limitation . . . . . . . . . . . . . . . . . . . . . . 91
Figure 64.
Plot of output current and AMICO’s fault pin. FR_Stby is high during the activation of the pow
er limitation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 92
Figure 65.
Plot of output current and AMICO’s fault pin (zoom of Figure 64). FR_Stby is High during the
activation of the power limitation. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 92
Figure 66.
Principle of the direct current sense reading . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 93
Figure 67.
Behaviour of the Synch_Mux signal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 94
Figure 68.
Probability density function of a gaussian distribution . . . . . . . . . . . . . . . . . . . . . . . . . . . . 96
Figure 69.
Recommendations for series resistors between the AMICO and the microcontroller. . . . . 99
Figure 70.
Distortion of the SPI signal by a too high series resistor . . . . . . . . . . . . . . . . . . . . . . . . . 100
Figure 71.
Effect of an ISO pulse 1 on Vcc, if no load is connected to any HSD sharing the same supply
line . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 101
Figure 72.
Effect of an ISO pulse 1 on Vcc with at least one connected load to one of the outputs of the
HSDs, sharing the same supply line . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 101
Figure 73.
Positive ISO pulses on the supply of monolithic devices are not transferred to IN, FR_Stby
and CS pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 102
Figure 74.
Recommended external components between a monolithic HSD and the AMICO . . . . . 102
Figure 75.
Negative ISO pulses on the supply of the hybrid HSD are not transferred to IN, FR_Stby or
CS pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 103
Figure 76.
Positive ISO pulses on the supply of the hybrid HSD are not transferred to IN, FR_Stby or CS
pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 103
Figure 77.
Recommended external components between a hybrid HSD and an AMICO . . . . . . . . . 104
Figure 78.
Verification of the correct activation of a monolithic HSD, despite the voltage drop across the
series resistor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 105
Figure 79.
Recommended external components between a monolithic HSD and the AMICO to with. . .
stand a reverse battery condition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 106
Figure 80.
Recommended external components between a monolithic HSD and the AMICO . . . . . 107
Figure 81.
Recommendations for pull-up resistors, pull-down resistors and decoupling capacitors . 108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com