Electronic Components Datasheet Search
  English  ▼

X  

UM1557 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM1557
Description  The aim of this document is to give the design engineer
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1557 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM1557 Datasheet HTML 24Page - STMicroelectronics UM1557 Datasheet HTML 25Page - STMicroelectronics UM1557 Datasheet HTML 26Page - STMicroelectronics UM1557 Datasheet HTML 27Page - STMicroelectronics UM1557 Datasheet HTML 28Page - STMicroelectronics UM1557 Datasheet HTML 29Page - STMicroelectronics UM1557 Datasheet HTML 30Page - STMicroelectronics UM1557 Datasheet HTML 31Page - STMicroelectronics UM1557 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 111 page
background image
Analogue current sense
UM1557
28/111
Doc ID 023521 Rev 2
In order to achieve a better current sense accuracy one or both of the strategies listed below
can be adopted:
1.
Current sense calibration (K-factor measurement) of each HSD
2.
VBAT measurement  bulb current compensation by appropriate software
3.5.2
Diagnostics with different load options
In some cases the requirement profile asks for alternative loads driven with one and the
same high-side driver. This can be a bulb lamp with the alternative of an LED (- cluster). In
this case the driver:
–
Has to handle the high inrush current of the bulb load
–
Must provide sufficiently low power dissipation during continuous operation
–
Must not indicate an open load in case an LED (-cluster) is applied instead of a
bulb.
In the case of different load options (bulb/LED), there is the possibility to use two different
(switchable) sense resistors in order to use the current sense band in the appropriate range
matching the different load currents.
An example of a current sense resistor switching circuit can be seen in the Figure 22. The
measured scale can be extended by Rsense1 switched in parallel to Rsense2 by MOSFET Q1.
Table 3.
Paralleling bulbs-overview
5+5 W
OK without calibration
21+21 W
27+27 W
21+5 W
Calibration and VBAT monitoring recommended
21+21+5 W
Calibration and VBAT monitoring necessary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com