Electronic Components Datasheet Search
  English  ▼

X  

UM1618 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM1618
Description  Standard software driver for C55 Flash
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1618 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM1618 Datasheet HTML 2Page - STMicroelectronics UM1618 Datasheet HTML 3Page - STMicroelectronics UM1618 Datasheet HTML 4Page - STMicroelectronics UM1618 Datasheet HTML 5Page - STMicroelectronics UM1618 Datasheet HTML 6Page - STMicroelectronics UM1618 Datasheet HTML 7Page - STMicroelectronics UM1618 Datasheet HTML 8Page - STMicroelectronics UM1618 Datasheet HTML 9Page - STMicroelectronics UM1618 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
Introduction
UM1618
6/51
DocID024371 Rev 3
1
Introduction
1.1
Document overview
The roadmap for the document is as follows:
Section 1.2
shows the features of the driver. Appendix C: System requirements details the
system requirement for the driver development.Appendix E: Document references and lists
the documents referred and terms used in making of this document. Appendix D: Acronyms
lists the acronyms used.
Chapter 2 describes the API specifications. In this section there are many sub sections,
which describe the different aspects of the driver. Section 2.1 provides a general overview of
the driver. Section 2.2 mentions about the type definitions used for the driver. Section 2.3
mentions the driver configuration parameters. Section 2.4 and Section 2.5 describe the data
context structure and some other data structures used in this driver. Section 2.6 provides
return code information. Section 2.7 and Section 2.8 provide the detailed description of
normal mode and user’s test mode standard software Flash Driver APIs’ respectively.
1.2
Features
The C55 SSD provides the following features:
Driver binary built with Variable-Length-Encoding (VLE) instruction set.
Driver released in binary c-array format to provide compiler-independent support for
non-debug-mode embedded applications.
Driver released in s-record format to provide compiler-independent support for debug-
mode/JTAG programming tools.
Each driver function is independent of each other so the end user can choose the
function subset to meet their particular needs.
Support from word-wise to quad-page-wise programming according to specific
hardware feature for fast programming.
Position-independent and ROM-able
Ready-to-use demos illustrating the usage of the driver
Concurrency support via asynchronous design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com