Electronic Components Datasheet Search
  English  ▼

X  

UM1618 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1618
Description  Standard software driver for C55 Flash
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1618 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM1618 Datasheet HTML 3Page - STMicroelectronics UM1618 Datasheet HTML 4Page - STMicroelectronics UM1618 Datasheet HTML 5Page - STMicroelectronics UM1618 Datasheet HTML 6Page - STMicroelectronics UM1618 Datasheet HTML 7Page - STMicroelectronics UM1618 Datasheet HTML 8Page - STMicroelectronics UM1618 Datasheet HTML 9Page - STMicroelectronics UM1618 Datasheet HTML 10Page - STMicroelectronics UM1618 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
DocID024371 Rev 3
7/51
UM1618
API specification
50
2
API specification
2.1
General overview
The C55 SSD has APIs to handle the erase, program, erase verify and program verify
operations on the Flash. Apart from these, it also provides the feature for locking specific
blocks and calculating check sum. This SSD also provides four User Test APIs for checking
the Array Integrity and do user margin read check as well as do suspend/resume those
operations. All functions work as asynchronous model for concurrency event support by
invoking ‘FlashCheckStatus’ function to track the on-going status of targeted operation.
2.2
General type definitions
2.3
SSD configuration parameter
The configuration parameter which is used for SSD operations is explained in this section.
The configuration parameters are handled as structure. User should correctly initialize the
fields including c55RegBase, mainArrayBase, uTestArrayBase,, mainInterfaceFlag,
programmableSize and BDMEnable before passing the structure to SSD functions. The rest
of parameters such as lowBlockInfo, midBlockInfo, highBlockInfo and nLargeBlockNum, are
initialized by ‘FlashInit’ automatically and can be used for other purposes of user’s
application.
Table 1. Type definitions
Derived type
Size
C language type description
BOOL
8-bits
unsigned char
INT8
8-bits
signed char
VINT8
8-bits
volatile signed char
UINT8
8-bits
unsigned char
VUINT8
8-bits
volatile unsigned char
INT16
16-bits
signed short
VINT16
16-bits
volatile signed short
UINT16
16-bits
unsigned short
VUINT16
16-bits
volatile unsigned short
INT32
32-bits
signed long
VINT32
32-bits
volatile signed long
UINT32
32-bits
unsigned long
VUINT32
32-bits
volatile unsigned long



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com