Electronic Components Datasheet Search
  English  ▼

X  

UM1618 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM1618
Description  Standard software driver for C55 Flash
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1618 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM1618 Datasheet HTML 5Page - STMicroelectronics UM1618 Datasheet HTML 6Page - STMicroelectronics UM1618 Datasheet HTML 7Page - STMicroelectronics UM1618 Datasheet HTML 8Page - STMicroelectronics UM1618 Datasheet HTML 9Page - STMicroelectronics UM1618 Datasheet HTML 10Page - STMicroelectronics UM1618 Datasheet HTML 11Page - STMicroelectronics UM1618 Datasheet HTML 12Page - STMicroelectronics UM1618 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
DocID024371 Rev 3
9/51
UM1618
API specification
50
‘UserMarginReadCheck’. User needs to declare and initialize a context data
structure before passing it to the above SSD functions. Refer to ‘FlashCheckStatus’
to have a quick view of how to initialize the context data. The context data structure
contents can be reviewed at any time during the operation progress (these
information may be useful in some cases), but they must not be changed for any
reason in order to make the operation completes correctly.
The type definition for the structure is given below.
typedef struct _c55_context_data
{
UINT32 dest;
UINT32 size;
UINT32 source;
UINT32 *pFailedAddress;
UINT32 *pFailedData;
UINT32 *pFailedSource;
UINT32 *pSum;
MISR *pMisr;
void* pReqCompletionFn;
} CONTEXT_DATA, *PCONTEXT_DATA;
2.5
Other data structures
Some other data structures used for SSD operation is explained in this section. They are the
structures used for variable declaration in SSD configuration and context data structures or
input argument declaration in some APIs.
Table 3. Context data structure field definitions
Name
Description
dest
The context destination address of an operation
size
The context size of an operation
source
The context source of an operation
pFailedAddress
The context failed address of an operation
pFailedData
The context failed data of an operation
pFailedSource
The context failed source of an operation
pSum
The context sum of an operation
pMisr
The context MISR values of an operation
pReqCompletionFn
Function pointer to the Flash function being checked for status
Table 4. Block information structure field definitions
Name
Type
Definition
n8KBlockNum
UINT32
Number of 8K block.
n16KBlockNum
UINT32
Number of 16K block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com