Electronic Components Datasheet Search
  English  ▼

X  

UM1618 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM1618
Description  Standard software driver for C55 Flash
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1618 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM1618 Datasheet HTML 10Page - STMicroelectronics UM1618 Datasheet HTML 11Page - STMicroelectronics UM1618 Datasheet HTML 12Page - STMicroelectronics UM1618 Datasheet HTML 13Page - STMicroelectronics UM1618 Datasheet HTML 14Page - STMicroelectronics UM1618 Datasheet HTML 15Page - STMicroelectronics UM1618 Datasheet HTML 16Page - STMicroelectronics UM1618 Datasheet HTML 17Page - STMicroelectronics UM1618 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
API specification
UM1618
14/51
DocID024371 Rev 3
Return values
midBlockSelect
To select the array blocks
in mid address space for
erasing.
Bit-mapped value such that the least significant
bit is at bit 0 of 16K block region (if available),
then 32K block region (if available) and lastly
64K block region (if available). Select the block
in the middle address space to be erased by
setting 1 to the appropriate bit of
midBlockSelect. If there is not any block to be
erased in the middle address space,
midBlockSelect must be set to 0.
highBlockSelect
To select the array blocks
in high address space for
erasing.
Bit-mapped value such that the least significant
bit is at bit 0 of 16K block region (if available),
then 32K block region (if available) and lastly
64K block region (if available). Select the block
in the high address space to be erased by
setting 1 to the appropriate bit of
highBlockSelect. If there is not any block to be
erased in the high address space,
highBlockSelect must be set to 0.
nLargeBlockSelect
To select the array blocks
in Large (128K or 256K)
address space for erasing.
It includes two elements to
decode the first half of
Large block select and the
second half of Large block
select.
Bit-mapped value such that the least significant
bit is at bit 0 of Large block region (if available).
Select the block in the Large address space to
be erased by setting 1 to the appropriate bit of
nLargeBlockSelect. If there is not any block to
be erased in the Large address space,
nLargeBlockSelect must be set to 0.
Table 11. Return values for FlashErase
Type
Description
Possible values
UINT32
Successful completion or error value.
C55_OK
C55_ERROR_ERASE_OPTION
C55_ERROR_BUSY
C55_ERROR_FACTORY_OP
Table 10. Arguments for FlashErase (continued)
Argument
Description
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com