Electronic Components Datasheet Search
  English  ▼

X  

UM1618 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM1618
Description  Standard software driver for C55 Flash
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1618 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM1618 Datasheet HTML 29Page - STMicroelectronics UM1618 Datasheet HTML 30Page - STMicroelectronics UM1618 Datasheet HTML 31Page - STMicroelectronics UM1618 Datasheet HTML 32Page - STMicroelectronics UM1618 Datasheet HTML 33Page - STMicroelectronics UM1618 Datasheet HTML 34Page - STMicroelectronics UM1618 Datasheet HTML 35Page - STMicroelectronics UM1618 Datasheet HTML 36Page - STMicroelectronics UM1618 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
DocID024371 Rev 3
33/51
UM1618
API specification
50
Comments
Following table defines and describes various blkLockIndicator values.
The output parameter blkLockState returns a bit-mapped value indicating the block lock
status of the specified address space. A main array block is locked from program/erase if its
corresponding bit is set.
The indicated address space determines the valid bits of blkLockState. For either
Low/Mid/High/Large address spaces, if blocks corresponding to valid block lock state bits
are not present (due to configuration or total memory size), values for these block lock state
bits are always 1 because such blocks are locked by hardware on reset. These blocks
cannot be unlocked by software with ‘SetLock’ function.
If user uses the alternate interface to get the lock protection for the Large address space,
the error code C55_ERROR_ALTERNATE is returned to indicate that the interface does not
support this operation.
The bit allocations for blocks in one address space are: the least significant bit is
corresponding to 16K block region and start with block 0 (if available), then 32K block region
(if available) then lastly 64K block region (if available) and lastly 8K block region (if
available).
The Large block space is divided into two separate sections corresponding two different
block lock indicators. The C55_BLOCK_LARGE_FIRST lock indicator represents the first
32 blocks (from bit 0 to bit 31) of Large block space (128K/256K) and the C55_BLOCK_
LARGE_SECOND lock indicator represents the second 32 blocks (from bit 32 to upper bits)
of Large block space (128K/256K).
Below is example for the formats of blkLockState in the C55 Flash module according to
specific address space. In particular, this is an example with two blocks for each block size
in low, middle or high address space and 48 blocks for Large block (128K/256K) address
space. The invalid blocks are marked as reserved. And the number of valid bits may be
various according to specific Flash module.
Table 46. Lock indicator definitions
Code Name
Value
Description
C55_BLOCK_LOW
0
Block lock protection of low address space.
C55_BLOCK_MID
1
Block lock protection of mid address space.
C55_BLOCK_HIGH
2
Block lock protection of high address space.
C55_BLOCK_LARGE_FIRST
3
Block lock protection of the first Large address
space (from block 0 to block 31).
C55_BLOCK_LARGE_SECOND
4
Block lock protection of the second Large address
space (from block 32 to upper block numbering).
C55_BLOCK_UTEST
5
Block lock protection of the UTest block.
Table 47. blkLockState in low address space
MSB
LSB
bit 31
…
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
reserved
…
64K block 1 64K block 0 32K block 1 32K block 0 16K block 1 16K block 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com