Electronic Components Datasheet Search
  English  ▼

X  

UM1618 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM1618
Description  Standard software driver for C55 Flash
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1618 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM1618 Datasheet HTML 6Page - STMicroelectronics UM1618 Datasheet HTML 7Page - STMicroelectronics UM1618 Datasheet HTML 8Page - STMicroelectronics UM1618 Datasheet HTML 9Page - STMicroelectronics UM1618 Datasheet HTML 10Page - STMicroelectronics UM1618 Datasheet HTML 11Page - STMicroelectronics UM1618 Datasheet HTML 12Page - STMicroelectronics UM1618 Datasheet HTML 13Page - STMicroelectronics UM1618 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
API specification
UM1618
10/51
DocID024371 Rev 3
The type definition for the structure is given below:
typedef struct _c55_block_info
{
UINT32 n8KBlockNum;
UINT32 n16KBlockNum;
UINT32 n32KBlockNum;
UINT32 n64KBlockNum;
} BLOCK_INFO, *PBLOCK_INFO;
The type definition for the structure is given below:
typedef struct _c55_nLarge_block_sel
{
UINT32 firstLargeBlockSelect;
UINT32 secondLargeBlockSelect;
} NLARGE_BLOCK_SEL, *PNLARGE_BLOCK_SEL;
The type definition for the structure is given below:
typedef struct _c55_misr
{
UINT32 w0;
UINT32 w1;
UINT32 w2;
n32KBlockNum
UINT32
Number of 32K block.
n64KBlockNum
UINT32
Number of 64K block.
Table 5. Large block select structure field definitions
Name
Type
Definition
firstLargeBlockSelect
UINT32
Bit map for the first 32 bit block select (from bit 0 to bit
31) in Large block (128K or 256K block) space such that
bit 0 is corresponding to the least significant bit and bit
31 is corresponding to the most significant bit.
secondLargeBlockSelect
UINT32
Bit map for the second 32 bit block select (from bit 32 to
upper bits) in Large block (128K or 256K block) space
such that bit 32 is corresponding to the least significant
bit and bit 63 is corresponding to the most significant bit.
Table 6. MISR structure field definitions
Name
Type
Definition
Wn
n = 0, 1, …9
UINT32
Each Wn is corresponding to each MISR value provided by
user. User must provide totally ten MISR values via this
structure to do user’s test mode functions.
Table 4. Block information structure field definitions (continued)
Name
Type
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com