Electronic Components Datasheet Search
  English  ▼

X  

UM1618 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM1618
Description  Standard software driver for C55 Flash
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1618 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM1618 Datasheet HTML 4Page - STMicroelectronics UM1618 Datasheet HTML 5Page - STMicroelectronics UM1618 Datasheet HTML 6Page - STMicroelectronics UM1618 Datasheet HTML 7Page - STMicroelectronics UM1618 Datasheet HTML 8Page - STMicroelectronics UM1618 Datasheet HTML 9Page - STMicroelectronics UM1618 Datasheet HTML 10Page - STMicroelectronics UM1618 Datasheet HTML 11Page - STMicroelectronics UM1618 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
API specification
UM1618
8/51
DocID024371 Rev 3
The type definition for the structure is given below.
typedef struct _c55_ssd_config
{
UINT32 c55RegBase;
UINT32 mainArrayBase;
BLOCK_INFO lowBlockInfo;
BLOCK_INFO midBlockInfo;
BLOCK_INFO highBlockInfo;
UINT32 nLargeBlockNum;
UINT32 n8KBlockNum;
UINT32 uTestArrayBase;
BOOL mainInterfaceFlag;
UINT32 programmableSize;
BOOL BDMEnable;
} SSD_CONFIG, *PSSD_CONFIG;
2.4
Context data structure
The Context Data structure is used for storing the context variable values while an
operation is in-progress. The operations that support asynchronous model may
require caching the context data including ‘FlashProgram’, ‘ProgramVerify’,
‘BlankCheck’, ‘CheckSum’, ‘FlashArrayIntegrityCheck’, and
Table 2. SSD configuration structure field definition
Parameter name
Type
Parameter description
c55RegBase
UINT32
The base address of C55 control registers.
mainArrayBase
UINT32
The base address of Flash main array.
lowBlockInfo
BLOCK_INFO
Block info of the low address space. It includes
information of this block space based on different block
sizes.
midBlockInfo
BLOCK_INFO
Block info of the mid address space. It includes
information of this block space based on different block
sizes.
highBlockInfo
BLOCK_INFO
Block info of the high address space. It includes
information of this block space based on different block
sizes.
nLargeBlockNum
UINT32
Number of blocks of the large address space (128K or
256K).
uTestArrayBase
UINT32
The base address of the UTest block.
mainInterfaceFlag
BOOL
The flag to select main interface or not.
programmableSize
UINT32
The maximum programmable size of the C55 Flash
according to specific interface.
BDMEnable
BOOL
The debug mode selection. User can enable/disable
debug mode via this input argument.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com