Electronic Components Datasheet Search
  English  ▼

X  

AN2640 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2640
Description  Intelligent multipower digital ballast for fluorescent lamps
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2640 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2640 Datasheet HTML 7Page - STMicroelectronics AN2640 Datasheet HTML 8Page - STMicroelectronics AN2640 Datasheet HTML 9Page - STMicroelectronics AN2640 Datasheet HTML 10Page - STMicroelectronics AN2640 Datasheet HTML 11Page - STMicroelectronics AN2640 Datasheet HTML 12Page - STMicroelectronics AN2640 Datasheet HTML 13Page - STMicroelectronics AN2640 Datasheet HTML 14Page - STMicroelectronics AN2640 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
AN2640
ST7LIT19BF1 - 8-bit MCU
11/36
The following are a few main features that make this microcontroller suitable for this scope:
●
Internal RC oscillator with 1% precision at 8 MHz CPU frequency
●
32 MHz timer counter clock with two independent counters for half-bridge and PFC
management
●
Analog PFC zero-current detection and half-bridge dead time generation
●
Analog comparator
●
10-bit A/D Converter with 7 channels and the possibility to use an amplifier (fixed gain
8) between the input and converter
●
2 timers with 1 ms or 2 ms time base to provide timing to the system management
Figure 9.
ST7LITE1xB 20-pin SO and DIP package pinout
3.2
Use of the pins
●
Pin 1: GND
●
Pin 2: VCC. The microcontroller is supplied by means of this pin. The voltage is
generated by the L6382D5 device. To prevent noise in this pin a 100 nF capacitor must
be soldered as close as possible between this pin and GND.
●
Pin 3: reset (not used). It is advisable to connect a small capacitor to avoid undesired
reset of the micro between this pin and GND.
●
Pin 4: COMPIN+. This pin is used to protect against overcurrent on the PFC Power
MOSFET and inductor. When the current exceeds 2 A, the comparator inside the MCU
stops the ballast without using the MCU core. Figure 10 shows the detection circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com