Electronic Components Datasheet Search
  English  ▼

X  

AN2640 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2640
Description  Intelligent multipower digital ballast for fluorescent lamps
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2640 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2640 Datasheet HTML 12Page - STMicroelectronics AN2640 Datasheet HTML 13Page - STMicroelectronics AN2640 Datasheet HTML 14Page - STMicroelectronics AN2640 Datasheet HTML 15Page - STMicroelectronics AN2640 Datasheet HTML 16Page - STMicroelectronics AN2640 Datasheet HTML 17Page - STMicroelectronics AN2640 Datasheet HTML 18Page - STMicroelectronics AN2640 Datasheet HTML 19Page - STMicroelectronics AN2640 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
ST7LIT19BF1 - 8-bit MCU
AN2640
16/36
Figure 18.
Lamp detection circuit
The circuit shown in Figure 18 connected at this digital input is used to detect the lamp
presence. If the lamp is present, the cathode is in parallel to R30 and C17 and the
voltage across C17 is low. The low voltage is used by the micro to sense the lamp
presence. If the lamp is not present or the cathode is broken, the voltage across C17 is
high (5 V) and the MCU stops the ballast.
●
Pin 12: PA6 (not used). This pin is connected at micro VCC voltage by means of a 10 kΩ
resistor because this pin is also used as ICCCLK and during normal operation it must
be pulled up, internally or externally (external pull-up of 10 k
Ω is mandatory in noisy
environments).
●
Pin 13: PWM3 - PFC gate driver. This pin is connected to the L6382 driver in order to
control the PFC PMOS.
●
Pin 14: PA4 (not used). This pin is connected to micro VCC voltage by means of a 10 kΩ
resistor because an unused pin must be kept at a fixed voltage. It can be left
unconnected if it is configured as output (0 or 1) by the software.
●
Pin 15: PWM1 - High side input. This pin is connected to the L6382 driver and the
signal is used to drive the High side PMOS.
●
Pin 16: PWM0 - Low side input. This pin is connected to the L6382 driver and the signal
is used to drive the High side PMOS
●
Pin 17: PA1 - CSO. This pin is connected to the CSO pin of the L6382 and can be used
to lock the ballast when the CSI pin is high.
●
Pin 18: LTIC - Zero-current detect
Figure 19.
Zero-current detection circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com