Electronic Components Datasheet Search
  English  ▼

X  

AN2640 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2640
Description  Intelligent multipower digital ballast for fluorescent lamps
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2640 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2640 Datasheet HTML 13Page - STMicroelectronics AN2640 Datasheet HTML 14Page - STMicroelectronics AN2640 Datasheet HTML 15Page - STMicroelectronics AN2640 Datasheet HTML 16Page - STMicroelectronics AN2640 Datasheet HTML 17Page - STMicroelectronics AN2640 Datasheet HTML 18Page - STMicroelectronics AN2640 Datasheet HTML 19Page - STMicroelectronics AN2640 Datasheet HTML 20Page - STMicroelectronics AN2640 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
AN2640
ST7LIT19BF1 - 8-bit MCU
17/36
The zero-current detection circuit switches the external MOSFET ON as soon as the voltage
across the boost inductor reverses or the current through the boost inductor goes to zero.
This feature allows the transition mode operation. The signal for ZCD is obtained with an
auxiliary winding on the boost inductor. The secondary winding is connected to the LTIC pin
by means of a resistor. The MCU detecting negative dv/dt gives the turn-on signal to the
driver for the Power MOSFET commutation.
●
Pin 19: PC1 (not used). This pin is connected to micro VCC voltage by means of a 10
k
Ω resistor because an unused pin must be kept at a fixed voltage. It can be left
unconnected if it is configured as output (0 or 1) by the software.
●
Pin 20: Lamp Type Detection Circuit Enable. This pin is used to enable the "Lamp Type
Detection Circuit".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com