Electronic Components Datasheet Search
  English  ▼

X  

AN2640 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2640
Description  Intelligent multipower digital ballast for fluorescent lamps
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2640 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2640 Datasheet HTML 14Page - STMicroelectronics AN2640 Datasheet HTML 15Page - STMicroelectronics AN2640 Datasheet HTML 16Page - STMicroelectronics AN2640 Datasheet HTML 17Page - STMicroelectronics AN2640 Datasheet HTML 18Page - STMicroelectronics AN2640 Datasheet HTML 19Page - STMicroelectronics AN2640 Datasheet HTML 20Page - STMicroelectronics AN2640 Datasheet HTML 21Page - STMicroelectronics AN2640 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
L6382D5 - power management units for microcontrolled ballast
AN2640
18/36
4
L6382D5 - power management units for
microcontrolled ballast
4.1
Introduction
This driver allows powering efficiently all the ICs (PFC, microcontroller, driver) in all
conditions and allows the microcontroller to drive the MOSFET (both half-bridge and PFC)
without using numerous different drivers.
Figure 20.
L6385Dx block diagram
The L6382D5 ICs (Figure 20) include 3 MOSFET driving stages (for PFC, for the half-
bridge, for the preheating MOSFET) plus a power management unit (PMU) able to supply
the microcontroller in any condition by means of a voltage reference available at a pin. It has
a precise reference voltage (5VDC ±2%, overall temperature range) able to provide up to
30 mA to supply the microcontroller.
The L6382D5 also integrates a function that regulates the IC supply voltage without the
need of any external charge pump and optimizes the current consumption (Figure 21). The
L6382D5 reduces the application bill of materials because many different tasks (regarding
drivers and power management) are performed by a single IC, which of course improves
application reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com