Electronic Components Datasheet Search
  English  ▼

X  

AN2640 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2640
Description  Intelligent multipower digital ballast for fluorescent lamps
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2640 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2640 Datasheet HTML 16Page - STMicroelectronics AN2640 Datasheet HTML 17Page - STMicroelectronics AN2640 Datasheet HTML 18Page - STMicroelectronics AN2640 Datasheet HTML 19Page - STMicroelectronics AN2640 Datasheet HTML 20Page - STMicroelectronics AN2640 Datasheet HTML 21Page - STMicroelectronics AN2640 Datasheet HTML 22Page - STMicroelectronics AN2640 Datasheet HTML 23Page - STMicroelectronics AN2640 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
L6382D5 - power management units for microcontrolled ballast
AN2640
20/36
sense resistor. As the voltage on pin CSI can go negative, the current must be limited below
2 mA by external components.
4.2
Use of the pins
A short description of each pin function is given below.
●
Pin 1: PFI. This pin receives a digital input signal from the ST7 micro to control the PFC
gate driver. We advise connecting a capacitor for noise filtering between this pin and
GND. In this application a 33pf capacitor is used.
●
Pin 2: LSI. This pin receives digital input signal from the ST7 to control the low side
switch in the ballast.
●
Pin 3: HSI. This pin receives digital input signal from the ST7 to control the high side
switch in the ballast.
●
Pin 4: HEI (not used). This pin receives digital input signal from the ST7 to control the
HEG driver.
●
Pin 5: PFG. This pin is able to drive an external MOSFET with a sink current capability
of 120 mA and a source current capability of 250 mA. A 10
Ω resistor is connected
between this pin and the Power MOSFET gate to reduce the peak current.
●
Pin 6: not connected
●
Pin 7: TPR. This pin is connected by means of an RC net to the half-bridge midpoint in
order to form a charge pump circuit charging the capacitor connected to the VCC pin. In
this application a capacitor of 1 nF at 630 V and a resistor of 44
Ω (2 x 22 Ω) have been
mounted. The high voltage capacitor in this connection also performs the snubber
function in the half-bridge section limiting the slope during the voltage variation.
●
Pin 8: GND. On the GND traces it is better to keep separate power traces from the
signal and a star connection of these tracks is advisable.
●
Pin 9: LSG. This pin is connected to the Power MOSFET gate of the low side of the
half-bridge. This pin has 120 mA as source and sink current capability. A 33
Ω resistor
is connected between this pin and the MOSFET gate to limit the peak current. At turnoff
a net composed of a diode and a 33
Ωresistor reduces the resistance which decreases
the turnoff time.
●
Pin 10: VCC. This pin provides the supply voltage to the driver. A capacitor of 47 µF is
connected between this pin and GND and in parallel another small capacitor is
mounted.
●
Pin 11: BOOT. This pin provides the supply voltage at the high side gate driver. A
100 nF capacitor is connected between this pin and the out pin of the driver. This



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com