Electronic Components Datasheet Search
  English  ▼

X  

AN2640 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2640
Description  Intelligent multipower digital ballast for fluorescent lamps
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2640 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2640 Datasheet HTML 15Page - STMicroelectronics AN2640 Datasheet HTML 16Page - STMicroelectronics AN2640 Datasheet HTML 17Page - STMicroelectronics AN2640 Datasheet HTML 18Page - STMicroelectronics AN2640 Datasheet HTML 19Page - STMicroelectronics AN2640 Datasheet HTML 20Page - STMicroelectronics AN2640 Datasheet HTML 21Page - STMicroelectronics AN2640 Datasheet HTML 22Page - STMicroelectronics AN2640 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
AN2640
L6382D5 - power management units for microcontrolled ballast
19/36
Figure 21.
Typical L6385Dx use
Another feature of the driver is the internal interlocking that avoids cross-conduction in the
half-bridge FET's. If by chance both HGI and LGI inputs are brought high at the same time,
then LSG and HSG are forced low as long as this critical condition persists.
A current sense is also available in this driver. When the voltage on pin CSI overcomes the
internal comparator reference (0.56 V, typ), the block latches the fault condition. In this state
the OCP block forces both HSD and LSD signals low while CSO is forced high so that it can
be sent to an input pin of the microcontroller that, based on its programming, starts the
proper protection sequence. The CSO output remains latched high until LSI and HSI are
simultaneously low (e.g. during dead time) and CSI is below 0.5 V. This function is suitable
to implement an overcurrent protection or hard-switching detection by using an external



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com